Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7059 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # SH7059
Description  32-Bit RISC Microcomputer
PDF  1042 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7059 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button SH7059 Datasheet HTML 17Page - Renesas Technology Corp SH7059 Datasheet HTML 18Page - Renesas Technology Corp SH7059 Datasheet HTML 19Page - Renesas Technology Corp SH7059 Datasheet HTML 20Page - Renesas Technology Corp SH7059 Datasheet HTML 21Page - Renesas Technology Corp SH7059 Datasheet HTML 22Page - Renesas Technology Corp SH7059 Datasheet HTML 23Page - Renesas Technology Corp SH7059 Datasheet HTML 24Page - Renesas Technology Corp SH7059 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 1042 page
background image
Differences between SH7058 and SH7058S/SH7059
Rev.3.00 Mar. 12, 2008 Page xxi of xc
REJ09B0177-0300
SH7058 (Rev.3, REJ09B0046-0300H)
SH7058S/SH7059
15.2.6 Serial Control Register (SCR)
472
The CPU can always read and write to SCR. SCR is
initialized to H'00 by a power-on reset and in hardware
standby mode. It is not initialized by a manual reset and in
software standby mode.
15.2.6 Serial Control Register (SCR)
Description amended
The CPU can always read/write to SCR.
SCR is
initialized to H'00 by a power-on reset and in hardware
standby mode. The value is not retrained in software
standby mode and it is initialized after release. It is not
initialized by a manual reset.
15.2.8 Bit Rate Register (BRR)
480
The CPU can always read and write to BRR. BRR is
initialized to H'FF by a power-on reset and in hardware
standby mode. It is not initialized by a manual reset and in
software standby mode. Each channel has independent
baud rate generator control, so different values can be set
for each channel.
15.2.8 Bit Rate Register (BRR)
Description amended
The CPU can always read
to BRR. The CPU should only
perform write operations when making initial settings. Do
not use the CPU to perform writes during transmit, receive,
or transmit/receive operation. BRR is initialized to H'FF by
a power-on reset and in hardware standby mode. The
value is not retained in software standby mode and it is
initialized after release. It is not initialized by a manual
reset
. Each channel has independent baud rate
generator control, so different values can be set for each
channel.
15.2.9 Serial Direction Control Register (SDCR)
487
The description in this section assumes LSB-first transfer.
SDCR is initialized to H'F2 by a power-on reset and in the
hardware standby mode. It is not initialized by a manual
reset and in software standby mode.
15.2.9 Serial Direction Control Register (SDCR)
Description amended
The description in this section assumes LSB-first transfer.
The CPU can always read from SDCR. The CPU should
only write to SDCR when making initial settings. Do not use
the CPU to write to SDCR during transmit, receive, or
transmit/receive operation.
SDCR is initialized to H'F2 by a power-on reset and in the
hardware standby mode. The value is not retained in
software standby mode and it is initialized after release. It
is not initialized by a manual reset
.
15.3.2 Operation in Asynchronous Mode
SCI Initialization (Asynchronous Mode):
Figure 15.5 Sample Flowchart for Transmitting Serial Data
494
Clear TE bit in SCR to 0;
select theTxD pin as an
output port with the PFC
15.3.2 Operation in Asynchronous Mode
SCI Initialization (Asynchronous Mode):
Figure 15.5 Sample Flowchart for Transmitting Serial Data
Figure amended and note added
Clear TE bit in SCR to 0;
select theTxD pin as an
output port with the PFC
5
Note: Do not write to SMR, SCR, BRR, or SDCR between
the start and the end of a transmit operation. However, this
does not apply to operation 5.
Receiving Serial Data (Asynchronous Mode):
Figure 15.7 Sample Flowchart for Receiving Serial Data (1)
497
Clear RE bit in SCR to 0
Receiving Serial Data (Asynchronous Mode):
Figure 15.7 Sample Flowchart for Receiving Serial Data (1)
Figure amended and note added
5
Clear RE bit in SCR to 0
Note: Do not write to SMR, SCR, BRR, or SDCR between
the start and the end of a receive operation. However, this
does not apply to operation 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com