Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7534 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # 7534
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7534 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button 7534 Datasheet HTML 55Page - Renesas Technology Corp 7534 Datasheet HTML 56Page - Renesas Technology Corp 7534 Datasheet HTML 57Page - Renesas Technology Corp 7534 Datasheet HTML 58Page - Renesas Technology Corp 7534 Datasheet HTML 59Page - Renesas Technology Corp 7534 Datasheet HTML 60Page - Renesas Technology Corp 7534 Datasheet HTML 61Page - Renesas Technology Corp 7534 Datasheet HTML 62Page - Renesas Technology Corp 7534 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 221 page
background image
HARDWARE
7534 Group
Rev.3.00
Oct 23, 2006
page 46 of 55
REJ09B0178-0300
Timing After Interrupt
The interrupt processing routine begins with the
machine cycle following the completion of the
instruction that is currently in execution.
Figure 52 shows a timing chart after an interrupt
occurs, and Figure 53 shows the time up to execution
of the interrupt processing routine.
Fig. 52 Timing chart after an interrupt occurs
Fig. 53 Time up to execution of the interrupt processing routine
: CPU operation code fetch cycle
: Vector address of each interrupt
: Jump destination address of each interrupt
: “0016” or “0116”
SYNC
BL, BH
AL, AH
SPS
Data bus
Not used
PCH
PCL
PS
AL
AH
Address bus
S, SPS
S-2, SPS
S-1, SPS
PC
BL
BH
AL, AH
SYNC
RD
WR
φ
Generation of interrupt request
Main routine
Interrupt processing routine
7 to 14 cycles
(At performing 6.0 MHz, in double-speed mode,
1.17
µs to 2.34 µs)
2 cycles
5 cycles
Start of interrupt processing
0 to 7 cycles
Waiting time for
post-processing
of pipeline
Stack push and
Vector fetch
FUNCTIONAL DESCRIPTION SUPPLEMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com