Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7534 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # 7534
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7534 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button 7534 Datasheet HTML 25Page - Renesas Technology Corp 7534 Datasheet HTML 26Page - Renesas Technology Corp 7534 Datasheet HTML 27Page - Renesas Technology Corp 7534 Datasheet HTML 28Page - Renesas Technology Corp 7534 Datasheet HTML 29Page - Renesas Technology Corp 7534 Datasheet HTML 30Page - Renesas Technology Corp 7534 Datasheet HTML 31Page - Renesas Technology Corp 7534 Datasheet HTML 32Page - Renesas Technology Corp 7534 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 221 page
background image
HARDWARE
7534 Group
FUNCTIONAL DESCRIPTION
Rev.3.00
Oct 23, 2006
page 16 of 55
REJ09B0178-0300
I/O Ports
[Direction registers] PiD
The I/O ports have direction registers which determine the input/out-
put direction of each pin. Each bit in a direction register corresponds
to individual pin, and each pin can be set to be input or output.
When “1” is set to the bit corresponding to a pin, this pin becomes an
output port. When “0” is set to the bit, the pin becomes an input port.
When data is read from a pin set to output, not the value of the pin
itself but the value of port latch is read. Pins set to input are floating,
and permit reading pin values.
If a pin set to input is written to, only the port latch is written to and the
pin remains floating.
[Pull-up control] PULL
By setting the pull-up control register (address 001616), ports P0 and
P3 can exert pull-up control by program. However, pins set to output
are disconnected from this control and cannot exert pull-up control.
[Port P1P3 control] P1P3C
By setting the port P1P3 control register (address 001716), a CMOS
input level or a TTL input level can be selected for ports P10, P12,
P13, P36 and P37 by program.
Then, as for the 36-pin version, set “1” to each bit 6 of the port P3
direction register and port P3 register.
As for the 32-pin version, set “1” to respective bits 5, 6, 7 of the port
P3 direction register and port P3 register.
Fig. 15 Structure of port P1P3 control register
Fig. 14 Structure of pull-up control register
Pull-up control register
(PULL: address 0016 16)
P00 pull-up control bit
P01 pull-up control bit
P02, P03 pull-up control bit
P04 – P07 pull-up control bit
P30 – P33 pull-up control bit
P34 pull-up control bit
P35, P36 pull-up control bit
P37 pull-up control bit
Note : Pins set to output ports are disconnected from pull-up control.
b7
b0
0: Pull-up off
1: Pull-up on
Initial value: FF16
Port P1P3 control register
(P1P3C: address 0017 16)
b7
b0
P37/INT0 input level selection bit
0 : CMOS level
1 : TTL level
P36/INT1 input level selection bit
0 : CMOS level
1 : TTL level
P10,P12,P13 input level selection bit
0 : CMOS level
1 : TTL level
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com