Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7534 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # 7534
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7534 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button 7534 Datasheet HTML 87Page - Renesas Technology Corp 7534 Datasheet HTML 88Page - Renesas Technology Corp 7534 Datasheet HTML 89Page - Renesas Technology Corp 7534 Datasheet HTML 90Page - Renesas Technology Corp 7534 Datasheet HTML 91Page - Renesas Technology Corp 7534 Datasheet HTML 92Page - Renesas Technology Corp 7534 Datasheet HTML 93Page - Renesas Technology Corp 7534 Datasheet HTML 94Page - Renesas Technology Corp 7534 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 221 page
background image
APPLICATION
7534 Group
2.2 Timer
Rev.3.00
Oct 23, 2006
page 22 of 78
REJ09B0178-0300
Fig. 2.2.17 Control procedure
RESET
P1
P1D
TCSS
ICON1
TM
TX
PREX
1
0
0
000010012
94 – 1
1 – 1
Output unit
TM (address 2B16), bit3
0
(address 0216), bit4
(address 0316)
(address 2E16), bit0
(address 3E16), bit3
(address 2B16)
(address 2D16)
(address 2C16)
TM (address 2B16), bit3
1
TX (address 2D16)
94 – 1
Initialization
q ✕: This bit is not used here. Set it to “0” or “1” arbitrary.
XXX1XXXX2
Main processing
Piezoelectric buzzer request ?
Yes
Start piezoelectric buzzer output
Stop piezoelectric buzzer output
No
•Timer X count source : f(X IN)/16
•Timer X interrupt disabled
•Stop CNTR0 output; Stop piezoelectric buzzer output
•Set “division ratio – 1” to Timer X and Prescaler X
•Process piezoelectric buzzer request, generated during
main processing, in output unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com