Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7785 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # SH7785
Description  32-Bit RISC Microcomputer
PDF  1692 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7785 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button SH7785 Datasheet HTML 35Page - Renesas Technology Corp SH7785 Datasheet HTML 36Page - Renesas Technology Corp SH7785 Datasheet HTML 37Page - Renesas Technology Corp SH7785 Datasheet HTML 38Page - Renesas Technology Corp SH7785 Datasheet HTML 39Page - Renesas Technology Corp SH7785 Datasheet HTML 40Page - Renesas Technology Corp SH7785 Datasheet HTML 41Page - Renesas Technology Corp SH7785 Datasheet HTML 42Page - Renesas Technology Corp SH7785 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 1692 page
background image
1. Overview
Rev.1.00 Jan. 10, 2008 Page 9 of 1658
REJ09B0261-0100
Item
Features
Watchdog timer
(WDT)
• Number of channels: One
• Single-channel watchdog timer
(operation in watchdog-timer or interval-timer mode is selectable)
• Selectable reset function: Power-on or manual reset
Timer unit (TMU)
• Number of channels: Six
• 6-channel auto-reloading 32-bit down-counter
• Input-capture function (only on channel 2)
• Choice of a maximum of six input clock signals to drive counting (external
and peripheral clock signals)
Graphics data
translation
accelerator (GDTA)
• YUV data translation
⎯ Translation mode: YUYV mode (YUV 4:2:0 → YUV 4:2:2), ARGB
mode (YUV 4:2:0
→ ARGB8888)
• Motion Compensation processing
⎯ Generation of estimated images using motion vectors in macroblock
units (16 x 16 pixels)
⎯ Modes: Forward, reverse, bidirectional, and intra-macroblock
processing
• Dedicated DMAC for image-data transfer
• Embedded RAM for color-palette data
• Embedded RAM for IDCT data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com