Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7785 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # SH7785
Description  32-Bit RISC Microcomputer
PDF  1692 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7785 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button SH7785 Datasheet HTML 69Page - Renesas Technology Corp SH7785 Datasheet HTML 70Page - Renesas Technology Corp SH7785 Datasheet HTML 71Page - Renesas Technology Corp SH7785 Datasheet HTML 72Page - Renesas Technology Corp SH7785 Datasheet HTML 73Page - Renesas Technology Corp SH7785 Datasheet HTML 74Page - Renesas Technology Corp SH7785 Datasheet HTML 75Page - Renesas Technology Corp SH7785 Datasheet HTML 76Page - Renesas Technology Corp SH7785 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 1692 page
background image
2. Programming Model
Rev.1.00 Jan. 10, 2008 Page 43 of 1658
REJ09B0261-0100
2.7
Usage Notes
2.7.1
Notes on Self-Modifying Code
To accelerate the processing speed, the instruction prefetching capability of this LSI has been
significantly enhanced from that of the SH-4. Therefore, in the case when a code in memory is
rewritten and attempted to be executed immediately, there is increased possibility that the code
before being modified, which has already been prefetched, is executed.
To ensure execution of the modified code, one of the following sequence of instructions should be
executed between the code rewriting instruction and execution of the modified code.
(1)
When the Codes to be Modified are in Non-Cacheable Area
SYNCO
ICBI @Rn
The target for the ICBI instruction can be any address within the range where no address error
exception occurs.
(2)
When the Codes to be Modified are in Cacheable Area (Write-Through)
SYNCO
ICBI @Rn
All instruction cache areas corresponding to the modified codes should be invalidated by the ICBI
instruction. The ICBI instruction should be issued to each cache line. One cache line is 32 bytes.
(3)
When the Codes to be Modified are in Cacheable Area (Copy-Back)
OCBP @Rm or OCBWB @Rm
SYNCO
ICBI @Rn
All operand cache areas corresponding to the modified codes should be written back to the main
memory by the OCBP or OCBWB instruction. Then all instruction cache areas corresponding to
the modified codes should be invalidated by the ICBI instruction. The OCBP, OCBWB, and ICBI
instruction should be issued to each cache line. One cache line is 32 bytes.
Note:
Self-modifying code is the processing which executes instructions while dynamically
rewriting the codes in memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com