Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7785 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # SH7785
Description  32-Bit RISC Microcomputer
PDF  1692 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7785 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button SH7785 Datasheet HTML 45Page - Renesas Technology Corp SH7785 Datasheet HTML 46Page - Renesas Technology Corp SH7785 Datasheet HTML 47Page - Renesas Technology Corp SH7785 Datasheet HTML 48Page - Renesas Technology Corp SH7785 Datasheet HTML 49Page - Renesas Technology Corp SH7785 Datasheet HTML 50Page - Renesas Technology Corp SH7785 Datasheet HTML 51Page - Renesas Technology Corp SH7785 Datasheet HTML 52Page - Renesas Technology Corp SH7785 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 1692 page
background image
1. Overview
Rev.1.00 Jan. 10, 2008 Page 19 of 1658
REJ09B0261-0100
No. Pin Name
I/O
Function
No. Pin Name
I/O
Function
217
BREQ/BSACK
I
Bus request (Master mode)/
Bus acknowledgement
(Slave mode)
233
ASEBRK/
BRKACK
I
H-UDI emulator
218
BACK/BSREQ
O
Bus acknowledgement
(Master mode)/Bus request
(Slave mode)
234 AUDCK
O
H-UDI emulator clock
219
DREQ0
I
DMA channel 0 request
235 AUDSYNC
O
H-UDI emulator
220
DREQ1
I
DMA channel 1 request
236 AUDATA0
O
H-UDI emulator data 0
221
DREQ2/INTB
I/I
DMA channel 2 request/PCI
interrupt B
237 AUDATA1
O
H-UDI emulator data 1
222
DREQ3/INTC
I/I
DMA channel 3 request/PCI
interrupt C
238 AUDATA2
O
H-UDI emulator data 2
223 DACK0
O
DMA channel 0 bus
acknowledgment
239 AUDATA3
O
H-UDI emulator data 3
224 DACK1
O
DMA channel 1 bus
acknowledgment
240 SCIF0_TXD/
HSPI_TX/
FWE
O/O/O
SCIF0 transmit data/HSPI
transmit data/NAND flash
write enable
225 DACK2/
SCIF2_TXD/
MMCCMD/
SIOF_TXD
O/O/O/I
O/O
DMA channel 2 bus
acknowledgment/SCIF2
transmit data/MMCIF
command response/SIOF
transmit data
241 SCIF0_RXD/
HSPI_RX/
FRB
I/I/I
SCIF0 receive data/HSPI
receive data/NAND flash
ready or busy
226 DACK3/
SCIF2_SCK/
MMCDAT/
SIOF_SCK
O/O/IO/
IO/IO
DMA channel 3 bus
acknowledgment/SCIF2
serial clock/MMCIF
data/SIOF serial clock
242 SCIF0_SCK/
HSPI_CLK/
FRE
IO/IO/O SCIF0 serial clock/HSPI
serial clock/NAND flash read
enable
227 DRAK2/
CE2A
O/O
DMA channel 2 transfer
request acknowledge
2/PCMCIA CE2A
243
SCIF0_RTS/
HSPI_CS/FSE
IO/IO/O SCIF0 modem control/HSPI
chip selection/NAND flash
spare area enable
228 TCK
I
H-UDI clock
244
SCIF0_CTS/
INTD/FCE
IO/I/O
SCIF0 modem control/PCI
interrupt D/NAND flash chip
enable
229 TMS
I
H-UDI emulator
245 SCIF1_TXD
O
SCIF1 transmit data
230 TDI
I
H-UDI data
246 SCIF1_RXD
I
SCIF1 receive data
231 TDO
O
H-UDI data
247 SCIF1_SCK
IO
SCIF1 serial clock
232
TRST
I
H-UDI emulator
248 SCIF2_RXD/
SIOF_RXD
I/I
SCIF2 receive data/SIOF
receive data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com