Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 365 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 365 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 361Page - Renesas Technology Corp SH7052 Datasheet HTML 362Page - Renesas Technology Corp SH7052 Datasheet HTML 363Page - Renesas Technology Corp SH7052 Datasheet HTML 364Page - Renesas Technology Corp SH7052 Datasheet HTML 365Page - Renesas Technology Corp SH7052 Datasheet HTML 366Page - Renesas Technology Corp SH7052 Datasheet HTML 367Page - Renesas Technology Corp SH7052 Datasheet HTML 368Page - Renesas Technology Corp SH7052 Datasheet HTML 369Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 919 page
background image
339
16-bit correction counter 10F (TCNT10F) has P
φ as its input and is constantly compared with
16-bit correction counter 10E (TCNT10E). When the 16-bit correction counter 10F
(TCNT10F) value is smaller than that in 16-bit correction counter 10E (TCNT10E), it is
incremented and generates count-up AGCKM. When the 16-bit correction counter 10F
(TCNT10F) value exceeds that in 16-bit correction counter 10E (TCNT10E) (for example,
when TCNT10F reloads TCNT10D), no count-up operation is performed. The TI10 multiplied
signal (AGCKM) generated when TCNT10F is incremented is output to the channel 1 to 5
free-running counters (TCNT1A, TCNT1B, TCNT2A, TCNT2B, TCNT3, TCNT4, TCNT5),
and an up-count can be performed on AGCKM by setting this as the counter clock on each
channel. TCNT10F is constantly compared with the 16-bit correction counter clear register
(TCCLR10), and when the free-running counter 10F (TCNT10F) and correction counter clear
register (TCCLR10) values match, the TCNT10F up-count stops. Setting TRG1AEN,
TRG1BEN, TRG2AEN, and TRG2BEN in the timer control register (TCR10) enables the
channel 1 and 2 free-running counters (TCNT1A, TCNT1B, TCNT2A, TCNT2B) to be cleared
at this time. If TI10 is input when TCNT10D = H'0000, initialization and correction operations
are performed. When TCNT10F = TCCLR10, TCNT10F is cleared to H'0001. When
TCNT10F
≠ TCCLR10, TCNT10F automatically counts up to the TCCLR10 value, and is
cleared to H'0001.
Channel 11: Channel 11 has a 16-bit free-running counter (TCNT11) and two 16-bit general
registers (GR11A, GR11B). TCNT11 is an up-counter that performs free-running operation. The
counter can generate an interrupt request when it overflows. When the two general registers
(GR11A, GR11B) are designated for compare-match use, a compare-match signal can be output to
the APC.
Prescaler: The ATU-II has a dedicated prescaler with a 2-stage configuration. The first stage
comprises 5-bit prescalers (PSCR1 to PSCR4) that generate a 1/m clock (where m = 1 to 32) with
respect to clock P
φ. The second prescaler stage allows selection of a clock obtained by further
scaling the clock from the first stage by 2n (where n = 0 to 5) according to the timer control
registers for the respective channels (TCR1A, TCR1B, TCR2A, TCR2B, TCR3 to TCR5, TCR6A,
TCR6B, TCR7A, TCR7B, TCR8, TCR11).
The prescalers of channels 1 to 8 and 11 have a 2-stage configuration, while the channel 0 and 10
prescalers only have a first stage. The first-stage prescaler is common to channels 0 to 5, 8, and 11,
and it is not possible to set different first-stage division ratios for each. Channels 6, 7, and 10 each
have a first-stage prescaler, and different first-stage division ratios can be set for each.
10.3.2
Free-Running Counter Operation and Cyclic Counter Operation
The free-running counters (TCNT) in ATU-II channels 0 to 5 and 11 start counting up as free-
running counters when the corresponding timer start register (TSTR) bit is set to 1. When TCNT
overflows (channel 0: from H'FFFFFFFF to H'00000000; channels 1 to 5 and 11: from H'FFFF to
H'0000), the OVF bit in the timer status register (TSR) is set to 1. If the OVE bit in the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com