Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 46Page - Renesas Technology Corp SH7052 Datasheet HTML 47Page - Renesas Technology Corp SH7052 Datasheet HTML 48Page - Renesas Technology Corp SH7052 Datasheet HTML 49Page - Renesas Technology Corp SH7052 Datasheet HTML 50Page - Renesas Technology Corp SH7052 Datasheet HTML 51Page - Renesas Technology Corp SH7052 Datasheet HTML 52Page - Renesas Technology Corp SH7052 Datasheet HTML 53Page - Renesas Technology Corp SH7052 Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 919 page
background image
24
2.1.2
Control Registers
The 32-bit control registers consist of the 32-bit status register (SR), global base register (GBR),
and vector base register (VBR). The status register indicates processing states. The global base
register functions as a base address for the indirect GBR addressing mode to transfer data to the
registers of on-chip peripheral modules. The vector base register functions as the base address of
the exception processing vector area (including interrupts). Figure 2.2 shows a control register.
9 8 765 4 3 2 1 0
MQI3 I2 I1 I0
ST
0
0
31
31
GBR
VBR
SR
31
S bit: Used by the MAC instruction.
Reserved bits. This bit always read 0.
The write value should always be 0.
Reserved bits. 0 is read. Write only.
Bits I0 to I3: Interrupt mask bits.
M and Q bits: Used by the DIV0U, DIV0S,
and DIV1 instructions.
Global base register (GBR):
Indicates the base address of the indirect
GBR addressing mode. The indirect GBR
addressing mode is used in data transfer
for on-chip peripheral modules register
areas and in logic operations.
Vector base register (VBR):
Stores the base address of the exception
processing vector area.
SR: Status register
T bit: The MOVT, CMP/cond, TAS, TST,
BT (BT/S), BF (BF/S), SETT, and CLRT
instructions use the T bit to indicate true
(1) or false (0). The ADDV, ADDC,
SUBV, SUBC, DIV0U, DIV0S, DIV1,
NEGC, SHAR, SHAL, SHLR, SHLL,
ROTR, ROTL, ROTCR, and ROTCL
instructions also use the T bit to indicate
carry/borrow or overflow/underflow.
Figure 2.2 Control Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com