Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 80Page - Renesas Technology Corp SH7052 Datasheet HTML 81Page - Renesas Technology Corp SH7052 Datasheet HTML 82Page - Renesas Technology Corp SH7052 Datasheet HTML 83Page - Renesas Technology Corp SH7052 Datasheet HTML 84Page - Renesas Technology Corp SH7052 Datasheet HTML 85Page - Renesas Technology Corp SH7052 Datasheet HTML 86Page - Renesas Technology Corp SH7052 Datasheet HTML 87Page - Renesas Technology Corp SH7052 Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 919 page
background image
58
Table 4.3
Damping Resistance Values (Recommended Values)
Frequency (MHz)
Parameter
5
10
Rd (
Ω)
500
0
Crystal Oscillator: Figure 4.4 shows an equivalent circuit of the crystal oscillator. Use a crystal
oscillator with the characteristics listed in table 4.4.
C0
EXTAL
CL
LRs
XTAL
Figure 4.4 Crystal Oscillator Equivalent Circuit
Table 4.4
Crystal Oscillator Parameters (Recommended Values)
Frequency (MHz)
Parameter
5
10
Rs max (
Ω)
100
50
C0 max (pF)
7
7
The crystal oscillator manufacturer should be consulted concerning the compatibility between the
crystal oscillator and the chip.
4.3.2
External Clock Input Method
An example of external clock input connection is shown in figure 4.5.
When the XTAL pin is placed in the open state, the parasitic capacitance should be 10 pF or less.
Even when an external clock is input, provide for a wait of at least the oscillation settling time
when powering on or exiting standby mode in order to secure the PLL settling time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com