Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 88 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 88 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 84Page - Renesas Technology Corp SH7052 Datasheet HTML 85Page - Renesas Technology Corp SH7052 Datasheet HTML 86Page - Renesas Technology Corp SH7052 Datasheet HTML 87Page - Renesas Technology Corp SH7052 Datasheet HTML 88Page - Renesas Technology Corp SH7052 Datasheet HTML 89Page - Renesas Technology Corp SH7052 Datasheet HTML 90Page - Renesas Technology Corp SH7052 Datasheet HTML 91Page - Renesas Technology Corp SH7052 Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 919 page
background image
62
5.1.2
Exception Processing Operations
The exception processing sources are detected and begin processing according to the timing
shown in table 5.2.
Table 5.2
Timing of Exception Source Detection and Start of Exception Processing
Exception
Source
Timing of Source Detection and Start of Processing
Reset
Power-on reset
Starts when the
RES pin changes from low to high or when the
WDT overflows.
Manual reset
Starts when the WDT overflows.
Address error
Detected when instruction is decoded and starts when the
previous executing instruction finishes executing.
Interrupts
Detected when instruction is decoded and starts when the
previous executing instruction finishes executing.
Instructions
Trap instruction
Starts from the execution of a TRAPA instruction.
General illegal
instructions
Starts from the decoding of undefined code anytime except after
a delayed branch instruction (delay slot).
Illegal slot
instructions
Starts from the decoding of undefined code placed in a delayed
branch instruction (delay slot) or of instructions that rewrite the
PC.
When exception processing starts, the CPU operates as follows:
1. Exception processing triggered by reset:
The initial values of the program counter (PC) and stack pointer (SP) are fetched from the
exception processing vector table (PC and SP are respectively the H'00000000 and
H'00000004 addresses for power-on resets and the H'00000008 and H'0000000C addresses for
manual resets). See section 5.1.3, Exception Processing Vector Table, for more information.
H'00000000 is then written to the vector base register (VBR) and H'F (1111) is written to the
interrupt mask bits (I3 to I0) of the status register (SR). The program begins running from the
PC address fetched from the exception processing vector table.
2. Exception processing triggered by address errors, interrupts and instructions:
SR and PC are saved to the stack indicated by R15. For interrupt exception processing, the
interrupt priority level is written to the SR’s interrupt mask bits (I3 to I0). For address error
and instruction exception processing, the I3 to I0 bits are not affected. The start address is then
fetched from the exception processing vector table and the program begins running from that
address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com