Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 433 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 433 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 429Page - Renesas Technology Corp SH7052 Datasheet HTML 430Page - Renesas Technology Corp SH7052 Datasheet HTML 431Page - Renesas Technology Corp SH7052 Datasheet HTML 432Page - Renesas Technology Corp SH7052 Datasheet HTML 433Page - Renesas Technology Corp SH7052 Datasheet HTML 434Page - Renesas Technology Corp SH7052 Datasheet HTML 435Page - Renesas Technology Corp SH7052 Datasheet HTML 436Page - Renesas Technology Corp SH7052 Datasheet HTML 437Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 433 / 919 page
background image
407
• Bits 7 to 0—PULS7 to PULS0 Set Output Enable (PULS7SOE to PULS0SOE): These bits
enable or disable 1 output to the APC pulse output pins (PULS7 to PULS0) bit by bit.
Bits 7 to 0:
PULS7SOE to PULS0SOE
Description
0
1 output to APC pulse output pin (PULS7 to PULS0) is disabled
(Initial value)
1
1 output to APC pulse output pin (PULS7 to PULS0) is enabled
When one of these bits is set to 1, 1 is output from the corresponding pin on a compare-match
between the GR11A and TCNT11 values.
11.3
Operation
11.3.1
Overview
APC pulse output is enabled by designating multiplex pins for APC pulse output with the pin
function controller (PFC), and setting the corresponding bits to 1 in the pulse output port control
register (POPCR).
When general register 11A (GR11A) in the advanced timer unit II (ATU-II) subsequently
generates a compare-match signal, 1 is output from the pins set to 1 by bits 7 to 0 in POPCR.
When general register 11B (GR11B) generates a compare-match signal, 0 is output from the pins
set to 1 by bits 15 to 8 in POPCR.
0 is output from the output-enabled state until the first compare-match occurs.
The advanced pulse controller output operation is shown in figure 11.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com