Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 482 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 482 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 478Page - Renesas Technology Corp SH7052 Datasheet HTML 479Page - Renesas Technology Corp SH7052 Datasheet HTML 480Page - Renesas Technology Corp SH7052 Datasheet HTML 481Page - Renesas Technology Corp SH7052 Datasheet HTML 482Page - Renesas Technology Corp SH7052 Datasheet HTML 483Page - Renesas Technology Corp SH7052 Datasheet HTML 484Page - Renesas Technology Corp SH7052 Datasheet HTML 485Page - Renesas Technology Corp SH7052 Datasheet HTML 486Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 482 / 919 page
background image
456
14.2.8
Bit Rate Register (BRR)
The bit rate register (BRR) is an 8-bit register that, together with the baud rate generator clock
source selected by the CKS1 and CKS0 bits in the serial mode register (SMR), determines the
serial transmit/receive bit rate.
The CPU can always read and write to BRR. BRR is initialized to H'FF by a power-on reset and in
hardware standby mode. It is not initialized by a manual reset, and in software standby mode.
Each channel has independent baud rate generator control, so different values can be set for each
channel.
Bit:
7
6
5
4
3
2
1
0
Initial value:
1
1
1
1
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 14.3 lists examples of BRR settings in the asynchronous mode; table 14.4 lists examples of
BBR settings in the clock synchronous mode.
The BRR setting is calculated as follows:
Asynchronous mode:
N =
64
× 22n–1 × B
× 106 – 1
P
φ
Synchronous mode:
N =
8
× 22n–1 × B
× 106 – 1
P
φ
B:
Bit rate (bits/s)
N:
Baud rate generator BRR setting (0
≤ N ≤ 255)
P
φ: Peripheral module operating frequency (MHz) (1/2 of system clock)
n:
Baud rate generator input clock (n = 0 to 3)
(See the following table for the clock sources and value of n.)
SMR Settings
n
Clock Source
CKS1
CKS2
0P
φ
00
1P
φ/4
0
1
2P
φ/16
1
0
3P
φ/64
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com