Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 495 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 495 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 491Page - Renesas Technology Corp SH7052 Datasheet HTML 492Page - Renesas Technology Corp SH7052 Datasheet HTML 493Page - Renesas Technology Corp SH7052 Datasheet HTML 494Page - Renesas Technology Corp SH7052 Datasheet HTML 495Page - Renesas Technology Corp SH7052 Datasheet HTML 496Page - Renesas Technology Corp SH7052 Datasheet HTML 497Page - Renesas Technology Corp SH7052 Datasheet HTML 498Page - Renesas Technology Corp SH7052 Datasheet HTML 499Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 495 / 919 page
background image
469
Initialization
Clear TE and RE bits to 0 in SCR
Set value in BRR
Set transmit/receive format in SMR
(TE and RE bits cleared to 0)
Select transmit/receive format
in SMR and SDCR
Set TE or RE to 1 in SCR; Set RIE,
TIE, TEIE, and MPIE as necessary
1-bit interval elapsed?
End
3
1
2
4
No
Wait
Yes
Figure 14.4 Sample Flowchart for SCI Initialization
Transmitting Serial Data (Asynchronous Mode): Figure 14.5 shows a sample flowchart for
transmitting serial data. The procedure is as follows (the steps correspond to the numbers in the
flowchart):
1. SCI initialization: Set the TxD pin using the PFC.
2. SCI status check and transmit data write: Read the serial status register (SSR), check that the
TDRE bit is 1, then write transmit data in the transmit data register (TDR) and clear TDRE
to 0.
3. Continue transmitting serial data: Read the TDRE bit to check whether it is safe to write (if it
reads 1); if so, write data in TDR, then clear TDRE to 0. When the DMAC is started by a
transmit-data-empty interrupt request (TXI) in order to write data in TDR, the TDRE bit is
checked and cleared automatically.
4. To output a break at the end of serial transmission, first clear the port data register (DR) to 0,
then clear the TE bit to 0 in SCR and use the PFC to establish the TxD pin as an output port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com