Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 511 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 511 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 507Page - Renesas Technology Corp SH7052 Datasheet HTML 508Page - Renesas Technology Corp SH7052 Datasheet HTML 509Page - Renesas Technology Corp SH7052 Datasheet HTML 510Page - Renesas Technology Corp SH7052 Datasheet HTML 511Page - Renesas Technology Corp SH7052 Datasheet HTML 512Page - Renesas Technology Corp SH7052 Datasheet HTML 513Page - Renesas Technology Corp SH7052 Datasheet HTML 514Page - Renesas Technology Corp SH7052 Datasheet HTML 515Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 511 / 919 page
background image
485
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
LSB
MSB
Serial clock
Serial data
*
*
Transfer direction
One unit (character or frame) of communication data
Note: * High except in continuous transmitting or receiving.
Figure 14.17 Data Format in Synchronous Communication
In synchronous serial communication, each data bit is output on the communication line from one
falling edge of the serial clock to the next. Data is guaranteed valid at the rising edge of the serial
clock. In each character, the serial data bits are transmitted in order from the LSB (first) to the
MSB (last). After output of the MSB, the communication line remains in the state of the MSB. In
synchronous mode, the SCI transmits or receives data by synchronizing with the rise of the serial
clock.
Communication Format: The data length is fixed at eight bits. No parity bit or multiprocessor bit
can be added.
Clock: An internal clock generated by the on-chip baud rate generator or an external clock input
from the SCK pin can be selected as the SCI transmit/receive clock. The clock source is selected
by the C/
A bit in the serial mode register (SMR) and bits CKE1 and CKE0 in the serial control
register (SCR). See table 14.9.
When the SCI operates on an internal clock, it outputs the clock signal at the SCK pin. Eight clock
pulses are output per transmitted or received character. When the SCI is not transmitting or
receiving, the clock signal remains in the high state. An overrun error occurs only during the
receive operation, and the serial clock is output until the RE bit is cleared to 0. To perform a
receive operation in one-character units, select an external clock for the clock source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com