Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 114 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 114 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 110Page - Renesas Technology Corp SH7052 Datasheet HTML 111Page - Renesas Technology Corp SH7052 Datasheet HTML 112Page - Renesas Technology Corp SH7052 Datasheet HTML 113Page - Renesas Technology Corp SH7052 Datasheet HTML 114Page - Renesas Technology Corp SH7052 Datasheet HTML 115Page - Renesas Technology Corp SH7052 Datasheet HTML 116Page - Renesas Technology Corp SH7052 Datasheet HTML 117Page - Renesas Technology Corp SH7052 Datasheet HTML 118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 919 page
background image
88
6.3
Description of Registers
6.3.1
Interrupt Priority Registers A, C to L (IPRA, IPRC to IPRL)
Interrupt priority registers A, C to L (IPRA, IPRC to IPRL) are 16-bit readable/writable registers
that set priority levels from 0 to 15 for IRQ interrupts and on-chip peripheral module interrupts.
Correspondence between interrupt request sources and each of the IPRA, IPRC to IPRL bits is
shown in table 6.4.
Bit:
15
14
13
12
11
10
9
8
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 6.4
Interrupt Request Sources and IPRA, IPRC to IPRL
Bits
Register
15 to 12
11 to 8
7 to 4
3 to 0
Interrupt priority register A
IRQ0
IRQ1
IRQ2
IRQ3
Interrupt priority register C
DMAC0, 1
DMAC2, 3
ATU01
ATU02
Interrupt priority register D
ATU03
ATU04
ATU11
ATU12
Interrupt priority register E
ATU13
ATU21
ATU22
ATU23
Interrupt priority register F
ATU31
ATU32
ATU41
ATU42
Interrupt priority register G
ATU51
ATU52
ATU6
ATU7
Interrupt priority register H
ATU81
ATU82
ATU83
ATU84
Interrupt priority register I
ATU91
ATU92
ATU101
ATU102
Interrupt priority register J
ATU11
CMT0, A/D0
CMT1, A/D1
Interrupt priority register K
SCI0
SCI1
SCI2
SCI3
Interrupt priority register L
SCI4
HCAN
WDT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com