Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 169 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 169 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 165Page - Renesas Technology Corp SH7052 Datasheet HTML 166Page - Renesas Technology Corp SH7052 Datasheet HTML 167Page - Renesas Technology Corp SH7052 Datasheet HTML 168Page - Renesas Technology Corp SH7052 Datasheet HTML 169Page - Renesas Technology Corp SH7052 Datasheet HTML 170Page - Renesas Technology Corp SH7052 Datasheet HTML 171Page - Renesas Technology Corp SH7052 Datasheet HTML 172Page - Renesas Technology Corp SH7052 Datasheet HTML 173Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 919 page
background image
143
Bit:
31
30
29
28
27
26
25
24
Initial value:
—
—
—
—
—
—
—
—
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
23
22
21
…
…
2
1
0
……
Initial value:
—
—
—
…
…
—
—
—
R/W:
R/W
R/W
R/W
…
…
R/W
R/W
R/W
9.2.2
DMA Destination Address Registers 0 to 3 (DAR0 to DAR3)
DMA destination address registers 0 to 3 (DAR0 to DAR3) are 32-bit readable/writable registers
that specify the destination address of a DMA transfer. These registers have a count function, and
during a DMA transfer, they indicate the next destination address.
Specify a 16-bit boundary when performing 16-bit data transfers, and a 32-bit boundary when
performing 32-bit data transfers. Operation cannot be guaranteed if any other addresses are set.
The value after a power-on reset and in standby mode is undefined.
Bit:
31
30
29
28
27
26
25
24
Initial value:
—
—
—
—
—
—
—
—
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
23
22
21
…
…
2
1
0
……
Initial value:
—
—
—
…
…
—
—
—
R/W:
R/W
R/W
R/W
…
…
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com