Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 183 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 183 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 179Page - Renesas Technology Corp SH7052 Datasheet HTML 180Page - Renesas Technology Corp SH7052 Datasheet HTML 181Page - Renesas Technology Corp SH7052 Datasheet HTML 182Page - Renesas Technology Corp SH7052 Datasheet HTML 183Page - Renesas Technology Corp SH7052 Datasheet HTML 184Page - Renesas Technology Corp SH7052 Datasheet HTML 185Page - Renesas Technology Corp SH7052 Datasheet HTML 186Page - Renesas Technology Corp SH7052 Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 919 page
background image
157
ADDR12 to ADDR23:
A/D1 data registers
MD0 to MD15:
HCAN message data
Note: * External memory, memory-mapped external device, on-chip memory, on-chip peripheral
module (excluding DMAC, BSC, and UBC)
9.3.3
Channel Priority
When the DMAC receives simultaneous transfer requests on two or more channels, it selects a
channel according to the following priority order:
• CH0 > CH1 > CH2 > CH3
9.3.4
DMA Transfer Types
The DMAC supports the transfers shown in table 9.3. It operates in dual address mode, in which
both the transfer source and destination addresses are output. The dual address mode consists of a
direct address mode, in which the output address value is the object of a direct data transfer, and
an indirect address mode, in which the output address value is not the object of the data transfer,
but the value stored at the output address becomes the transfer object address. The actual transfer
operation timing varies with the bus mode. The DMAC has two bus modes: cycle-steal mode and
burst mode.
Table 9.3
Supported DMA Transfers
Transfer Destination
Transfer Source
External
Memory
Memory-Mapped
External Device
On-Chip
Memory
On-Chip
Peripheral Module
External memory
Supported
Supported
Supported
Supported
Memory-mapped
external device
Supported
Supported
Supported
Supported
On-chip memory
Supported
Supported
Supported
Supported
On-chip peripheral
module
Supported
Supported
Supported
Supported
9.3.5
Dual Address Mode
Dual address mode is used for access of both the transfer source and destination by address.
Transfer source and destination can be accessed either internally or externally. Dual address mode
is subdivided into two other modes: direct address transfer mode and indirect address transfer
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com