Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 265 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 265 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 261Page - Renesas Technology Corp SH7052 Datasheet HTML 262Page - Renesas Technology Corp SH7052 Datasheet HTML 263Page - Renesas Technology Corp SH7052 Datasheet HTML 264Page - Renesas Technology Corp SH7052 Datasheet HTML 265Page - Renesas Technology Corp SH7052 Datasheet HTML 266Page - Renesas Technology Corp SH7052 Datasheet HTML 267Page - Renesas Technology Corp SH7052 Datasheet HTML 268Page - Renesas Technology Corp SH7052 Datasheet HTML 269Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 919 page
background image
239
Timer Status Registers 2A and 2B (TSR2A, TSR2B)
TSR2A: TSR2A indicates the status of channel 2 input capture, compare-match, and overflow.
Bit:
15
14
13
12
11
10
9
8
——
——
———
OVF2A
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R/(W)*
Bit:
7
6
5
4
3
2
1
0
IMF2H
IMF2G
IMF2F
IMF2E
IMF2D
IMF2C
IMF2B
IMF2A
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R/(W)*
Note: * Only 0 can be written, to clear the flag.
• Bits 15 to 9—Reserved: These bits always read 0. The write value should always be 0.
• Bit 8—Overflow Flag 2A (OVF2A): Status flag that indicates TCNT2A overflow.
Bit 8: OVF2A
Description
0
[Clearing condition]
(Initial value)
When OVF2A is read while set to 1, then 0 is written to OVF2A
1
[Setting condition]
When the TCNT2A value overflows (from H'FFFF to H'0000)
• Bit 7—Input Capture/Compare-Match Flag 2H (IMF2H): Status flag that indicates GR2H
input capture or compare-match.
Bit 7: IMF2H
Description
0
[Clearing condition]
(Initial value)
When IMF2H is read while set to 1, then 0 is written to IMF2H
1
[Setting conditions]
• When the TCNT2A value is transferred to GR2H by an input capture
signal while GR2H is functioning as an input capture register
•••• When TCNT2A = GR2H while GR2H is functioning as an output compare
register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com