Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 285 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 285 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 281Page - Renesas Technology Corp SH7052 Datasheet HTML 282Page - Renesas Technology Corp SH7052 Datasheet HTML 283Page - Renesas Technology Corp SH7052 Datasheet HTML 284Page - Renesas Technology Corp SH7052 Datasheet HTML 285Page - Renesas Technology Corp SH7052 Datasheet HTML 286Page - Renesas Technology Corp SH7052 Datasheet HTML 287Page - Renesas Technology Corp SH7052 Datasheet HTML 288Page - Renesas Technology Corp SH7052 Datasheet HTML 289Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 919 page
background image
259
Timer Status Register 11 (TSR11)
TSR11 indicates the status of channel 11 compare-match and overflow.
Bit:
15
14
13
12
11
10
9
8
——
——
———
OVF11
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R/(W)*
Bit:
7
6
5
4
3
2
1
0
——
——
——
IMF11B IMF11A
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R/(W)*
R/(W)*
Note: * Only 0 can be written, to clear the flag.
• Bits 15 to 9—Reserved: These bits always read 0. The write value should always be 0.
• Bit 8—Overflow Flag 11 (OVF11): Status flag that indicates TCNT11 overflow.
Bit 8: OVF11
Description
0
[Clearing condition]
(Initial value)
When OVF11 is read while set to 1, then 0 is written to OVF11
1
[Setting condition]
When the TCNT11 value overflows (from H'FFFF to H'0000)
• Bits 7 to 2—Reserved: These bits always read 0. The write value should always be 0.
• Bit 1—Compare-Match Flag 11B (IMF11B): Status flag that indicates GR11B compare-match.
Bit 1: IMF11B
Description
0
[Clearing condition]
(Initial value)
When IMF11B is read while set to 1, then 0 is written to IMF11B
1
[Setting condition]
When TCNT11 = GR11B while GR11B is functioning as an output compare
register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com