Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 292 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 292 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 288Page - Renesas Technology Corp SH7052 Datasheet HTML 289Page - Renesas Technology Corp SH7052 Datasheet HTML 290Page - Renesas Technology Corp SH7052 Datasheet HTML 291Page - Renesas Technology Corp SH7052 Datasheet HTML 292Page - Renesas Technology Corp SH7052 Datasheet HTML 293Page - Renesas Technology Corp SH7052 Datasheet HTML 294Page - Renesas Technology Corp SH7052 Datasheet HTML 295Page - Renesas Technology Corp SH7052 Datasheet HTML 296Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 919 page
background image
266
Timer Interrupt Enable Registers 2A and 2B (TIER2A, TIER2B)
TIER2A: TIER2A controls enabling/disabling of channel 2 input capture, compare-match, and
overflow interrupt requests.
Bit:
15
14
13
12
11
10
9
8
——
——
———
OVE2A
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R/W
Bit:
7
6
5
4
3
2
1
0
IME2H
IME2G
IME2F
IME2E
IME2D
IME2C
IME2B
IME2A
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
• Bits 15 to 9—Reserved: These bits always read 0. The write value should always be 0.
• Bit 8—Overflow Interrupt Enable 2A (OVE2A): Enables or disables interrupt requests by
OVF2A in TSR2A when OVF2A is set to 1.
Bit 8: OVE2A
Description
0
OVI2A interrupt requested by OVF2A is disabled
(Initial value)
1
OVI2A interrupt requested by OVF2A is enabled
• Bit 7—Input Capture/Compare-Match Interrupt Enable 2H (IME2H): Enables or disables
interrupt requests by IMF2H in TSR2A when IMF2H is set to 1.
Bit 7: IME2H
Description
0
IMI2H interrupt requested by IMF2H is disabled
(Initial value)
1
IMI2H interrupt requested by IMF2H is enabled
• Bit 6—Input Capture/Compare-Match Interrupt Enable 2G (IME2G): Enables or disables
interrupt requests by IMF2G in TSR2A when IMF2G is set to 1.
Bit 6: IME2G
Description
0
IMI2G interrupt requested by IMF2G is disabled
(Initial value)
1
IMI2G interrupt requested by IMF2G is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com