Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 320 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 320 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 316Page - Renesas Technology Corp SH7052 Datasheet HTML 317Page - Renesas Technology Corp SH7052 Datasheet HTML 318Page - Renesas Technology Corp SH7052 Datasheet HTML 319Page - Renesas Technology Corp SH7052 Datasheet HTML 320Page - Renesas Technology Corp SH7052 Datasheet HTML 321Page - Renesas Technology Corp SH7052 Datasheet HTML 322Page - Renesas Technology Corp SH7052 Datasheet HTML 323Page - Renesas Technology Corp SH7052 Datasheet HTML 324Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 919 page
background image
294
• Bit 6—Down-Count Start 8G (DST8G): Starts down-counter 8G (DCNT8G).
Bit 6: DST8G
Description
0
DCNT8G is halted
(Initial value)
[Clearing conditions]
When the DCNT8G value underflows, or on channel 1 (GR1G or OCR1)
compare-match
1
DCNT8G counts
[Setting conditions]
• One-shot pulse function: Set by user program (DCNT8G ≠ H'0000)
•••• Offset one-shot pulse function: Set on OCR1 compare-match or GR1G
compare-match, or by user program (DCNT8G
≠ H'0000)
• Bit 5—Down-Count Start 8F (DST8F): Starts down-counter 8F (DCNT8F).
Bit 5: DST8F
Description
0
DCNT8F is halted
(Initial value)
[Clearing conditions]
When the DCNT8F value underflows, or on channel 1 (GR1F or OCR1)
compare-match
1
DCNT8F counts
[Setting conditions]
• One-shot pulse function: Set by user program (DCNT8F ≠ H'0000)
•••• Offset one-shot pulse function: Set on OCR1 compare-match or GR1F
compare-match, or by user program (DCNT8F
≠ H'0000)
• Bit 4—Down-Count Start 8E (DST8E): Starts down-counter 8E (DCNT8E).
Bit 4: DST8E
Description
0
DCNT8E is halted
(Initial value)
[Clearing conditions]
When the DCNT8E value underflows, or on channel 1 (GR1E or OCR1)
compare-match
1
DCNT8E counts
[Setting conditions]
• One-shot pulse function: Set by user program (DCNT8E ≠ H'0000)
•••• Offset one-shot pulse function: Set on OCR1 compare-match or GR1E
compare-match, or by user program (DCNT8E
≠ H'0000)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com