Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 341 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 341 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 337Page - Renesas Technology Corp M16C/62 Datasheet HTML 338Page - Renesas Technology Corp M16C/62 Datasheet HTML 339Page - Renesas Technology Corp M16C/62 Datasheet HTML 340Page - Renesas Technology Corp M16C/62 Datasheet HTML 341Page - Renesas Technology Corp M16C/62 Datasheet HTML 342Page - Renesas Technology Corp M16C/62 Datasheet HTML 343Page - Renesas Technology Corp M16C/62 Datasheet HTML 344Page - Renesas Technology Corp M16C/62 Datasheet HTML 345Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 615 page
background image
Timer A
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-24
Figure 2.2.18. Operation timing of 2-phase pulse signal process in event counter mode, multiply-by-4 mode selected
2.2.8 Operation of timer A (2-phase pulse signal process in event counter mode,
multiply-by-4 mode selected)
In processing 2-phase pulse signals in event counter mode, choose functions from those listed in Table
2.2.7. Operations of the circled items are described below. Figure 2.2.18 shows the operation timing, and
Figure 2.2.19 shows the set-up procedure.
Table 2.2.7. Choosed functions
Item
Item
Set-up
Set-up
Count operation type
Reload type
Free run type
O
Processing 2 phase
pulses (Note)
O
Normal processing
4-multiplication processing
Note: Timer A3 alone can be selected. Timer A2 is solely used for normal processes, and timer A4 is solely used for 4-
multiplication processes.
(1) Setting the count start flag to “1” causes the counter to count effective edges of the count source.
(2) Even if an underflow occurs, the content of the reload register is not reloaded, but the count
continues. At this time, the interrupt request bit goes to “1”.
(3) Even if an overflow occurs, the content of the reload register is not reloaded, but the count
continues. At this time, the interrupt request bit goes to “1”.
• The up count or down count conditions are as follows:
Operation
Note
Up count
Input signal to the
TAiOUT pin
Input signal to the
TAiIN pin
Down
count
Input signal to the
TAiOUT pin
Input signal to the
TAiIN pin
“H” level
“L” level
Rising
Falling
Rising
Falling
“L” level
“H” level
“H” level
“L” level
Rising
Falling
Falling
Rising
“H” level
“L” level
Time
Set to “1” by software
000016
Count start flag
Timer Ai interrupt
request bit
“1”
“0”
“1”
“0”
FFFF16
TAiOUT
“H”
“L”
“H”
“L”
TAiIN
(1) Start count
(2) Underflow
(3) Overflow
Cleared to “0” when interrupt request is accepted, or cleared by software
Table 2.2.8. The up count or down count conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com