Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 50Page - Renesas Technology Corp M16C/62 Datasheet HTML 51Page - Renesas Technology Corp M16C/62 Datasheet HTML 52Page - Renesas Technology Corp M16C/62 Datasheet HTML 53Page - Renesas Technology Corp M16C/62 Datasheet HTML 54Page - Renesas Technology Corp M16C/62 Datasheet HTML 55Page - Renesas Technology Corp M16C/62 Datasheet HTML 56Page - Renesas Technology Corp M16C/62 Datasheet HTML 57Page - Renesas Technology Corp M16C/62 Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Bus Control
1-35
Figure 1.9.6. Typical bus timings using software wait
Output
Input
Address
Address
< Separate bus (with wait) >
BCLK
Read signal
Write signal
Data bus
BCLK
Read signal
Address bus/
Data bus
Chip select (Note 2)
Address
Address
Data output
Address
Address
Input
ALE
< Multiplexed bus >
Write signal
BCLK
Read signal
Write signal
Address bus (Note 2)
Address
Address
Bus cycle (Note 1)
< Separate bus (no wait) >
Output
Data bus
Input
Note 1: These example timing charts indicate bus cycle length.
After this bus cycle sometimes come read and write cycles in succession.
Note 2: The address bus and chip select may be extended depending on the CPU status
such as that of the instruction queue buffer.
Bus cycle (Note 1)
Bus cycle (Note 1)
Bus cycle (Note 1)
Bus cycle (Note 1)
Bus cycle (Note 1)
Address bus (Note 2)
Address bus (Note 2)
Chip select (Note 2)
Chip select (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com