Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 8Page - Renesas Technology Corp M16C/62 Datasheet HTML 9Page - Renesas Technology Corp M16C/62 Datasheet HTML 10Page - Renesas Technology Corp M16C/62 Datasheet HTML 11Page - Renesas Technology Corp M16C/62 Datasheet HTML 12Page - Renesas Technology Corp M16C/62 Datasheet HTML 13Page - Renesas Technology Corp M16C/62 Datasheet HTML 14Page - Renesas Technology Corp M16C/62 Datasheet HTML 15Page - Renesas Technology Corp M16C/62 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 615 page
background image
4.3 Connection Examples ............................................................................................................. 2-226
4.3.1 16-bit Memory to 16-bit Width Data Bus Connection Example ........................................ 2-226
4.3.2 8-bit Memory to 16-bit Width Data Bus Connection Example .......................................... 2-227
4.3.3 8-bit Memory to 8-bit Width Data Bus Connection Example ........................................... 2-229
4.3.4 Two 8-bit and 16-Bit Memory to 16-Bit Width Data Bus Connection Example ................ 2-230
4.3.5 Chip Selects and Address Bus ........................................................................................ 2-231
4.4 Connectable Memories ........................................................................................................... 2-232
4.4.1 Operation Frequency and Access Time .......................................................................... 2-232
4.4.2 Connecting Low-Speed Memory ..................................................................................... 2-236
4.4.3 Connectable Memories .................................................................................................... 2-240
__________
_________
4.5 Releasing an External Bus (HOLD input and HLDA output) ................................................... 2-241
4.6 Precautions for External Bus .................................................................................................. 2-242
Chapter 5 External ROM Version _____________________________
5.1 Pin Configuration .................................................................................................................... 2-245
5.2 Pin Description ........................................................................................................................ 2-247
5.3 Memory Map ........................................................................................................................... 2-249
5.4 Processor Mode ...................................................................................................................... 2-253



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com