Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 39Page - Renesas Technology Corp M16C/62 Datasheet HTML 40Page - Renesas Technology Corp M16C/62 Datasheet HTML 41Page - Renesas Technology Corp M16C/62 Datasheet HTML 42Page - Renesas Technology Corp M16C/62 Datasheet HTML 43Page - Renesas Technology Corp M16C/62 Datasheet HTML 44Page - Renesas Technology Corp M16C/62 Datasheet HTML 45Page - Renesas Technology Corp M16C/62 Datasheet HTML 46Page - Renesas Technology Corp M16C/62 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Processor Mode
1-24
Single-chip mode
SFR area
Internal
RAM area
Inhibited
Internal
ROM area
Microprocessor mode
SFR area
Internal
RAM area
External
area
Internally
reserved area
0000016
0040016
XXXXX16
YYYYY16
FFFFF16
D000016
External area :
Accessing this area allows the user to
access a device connected externally
to the microcomputer.
0400016
Memory expansion mode
SFR area
Internal
RAM area
External
area
Internal
ROM area
Internally
reserved area
Internally
reserved area
Note : These memory maps show an instance in which PM13 is set to 0; but in the case of products in which the
internal RAM and the internal ROM are expanded to over 15 Kbytes and 192 Kbytes, respectively, they show
an instance in which PM13 is set to 1.
Address YYYYY16
3K bytes
00FFF16
053FF16
017FF16
013FF16
Address XXXXX16
ROM size
02BFF16
5K bytes
4K bytes
10K bytes
20K bytes
RAM size
32K bytes
C000016
E800016
F000016
E000016
96K bytes
64K bytes
128K bytes
256K bytes
F800016
Figure 1.7.2. Memory maps in each processor mode (without memory area expansion, normal mode)
Internal Reserved Area Expansion Bit (PM13)
This bit expands the internal RAM area and the internal ROM area, and changes the chip select area. In
M30624MGA/FGA, for example, to set this bit to “1” expands the internal RAM area and the internal ROM
area to 20 Kbytes and 256 Kbytes respectively. Refer to Figure 1.7.3 for the chip select area. When the
reset is revoked, this bit is set to “0”. To expand the internal area, set this bit to “1” in user program. And
the top of user program must be allocated to D000016 or subsequent address.
In the case of the product in which the internal ROM is 192 Kbytes or less and the internal RAM is 15
Kbytes or less, set this bit to “0” when this product is used in the memory expansion mode or the micro-
processor mode. When the product is used in the single chip mode, the internal area is not expanded and
any action is not affected, even if this bit is set to “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com