Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 355 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 355 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 351Page - Renesas Technology Corp M16C/62 Datasheet HTML 352Page - Renesas Technology Corp M16C/62 Datasheet HTML 353Page - Renesas Technology Corp M16C/62 Datasheet HTML 354Page - Renesas Technology Corp M16C/62 Datasheet HTML 355Page - Renesas Technology Corp M16C/62 Datasheet HTML 356Page - Renesas Technology Corp M16C/62 Datasheet HTML 357Page - Renesas Technology Corp M16C/62 Datasheet HTML 358Page - Renesas Technology Corp M16C/62 Datasheet HTML 359Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 615 page
background image
Timer B
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-38
2.3 Timer B Usage
2.3.1 Overview of the timer B usage
Timer B is a 16-bit timer. The following is an overview of the timer B usage.
(1) Mode
Timer B operates in one of three modes:
(a) Timer mode
The internal count source is counted.
• Operation in timer mode .......................................................................................................... P2-42
(b) Event counter mode
The number of pulses coming from outside and the number of the timer overflows are counted.
• Operation in event counter mode ............................................................................................ P2-44
(c) Pulse period measurement/pulse width measurement mode
External pulse period or external pulse widths are measured. If pulse period measurement mode is
selected, the periods of input pulses are continuously measured. If pulse width measurement mode
is selected, widths of “H” level pulses and those of “L” level pulses are continuously measured.
• Operation in pulse period measurement mode ....................................................................... P2-46
• Operation in pulse width measurement mode ......................................................................... P2-48
(2) Count source
An internal count source can be selected from f1, f8, f32, and fC32. f1, f8, and f32 are clocks obtained by
dividing the CPU main clock by 1, 8, and 32 respectively. fC32 is the clock obtained by dividing the
CPU secondary clock by 32.
(3) Count value
The count value equals [the value set in the timer register + 1]. The counter underflows when a count
source equal to a count value is input, and an interrupt request occurs.
(4) Reading the timer
In timer mode or event counter mode, the count value at the time of reading the timer register will be
read. Read the register in 16-bit increments. In both the pulse period measurement mode and pulse
width measurement mode, an indeterminate value is read until the second effective edge is input after
a count is started, otherwise, the measurement results are read.
(5) Writing to the timer
When writing to the timer register while a count is in progress, the value is written only to the reload
register. When writing to the timer register while a count has stopped, the value is written both to the
reload register and the count. Write the value in 16-bit increments. The timer register cannot be
written to in either the pulse period measurement mode or the pulse width measurement mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com