Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 368 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 368 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 364Page - Renesas Technology Corp M16C/62 Datasheet HTML 365Page - Renesas Technology Corp M16C/62 Datasheet HTML 366Page - Renesas Technology Corp M16C/62 Datasheet HTML 367Page - Renesas Technology Corp M16C/62 Datasheet HTML 368Page - Renesas Technology Corp M16C/62 Datasheet HTML 369Page - Renesas Technology Corp M16C/62 Datasheet HTML 370Page - Renesas Technology Corp M16C/62 Datasheet HTML 371Page - Renesas Technology Corp M16C/62 Datasheet HTML 372Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 615 page
background image
Timer B
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-51
(1) The timer Bi interrupt request bit goes to “1” when an effective edge of a measurement pulse
is input or timer Bi is overflowed. The factor of interrupt request can be determined by use of
the timer Bi overflow flag within the interrupt routine.
(2) If the timer overflow occurs simultaneously with the input of a measurement pulse, and if the
interrupt factor cannot be determined from the timer Bi overflow flag, connect the timers and
count the number of overflows.
(3) When reset, the timer Bi overflow flag goes to “1”. This flag can be set to “0” by writing to the
timer Bi mode register when the count start flag is “1”.
(4) Use the timer Bi interrupt request bit to detect only overflows. Use the timer Bi overflow flag
only to determine the interrupt factor within the interrupt routine.
(5) When the first effective edge is input after a count is started, an indeterminate value is trans-
ferred to the reload register. At this time, timer Bi interrupt request is not generated.
(6) The value of the counter is indeterminate at the beginning of a count. Therefore, the timer Bi
overflow flag may go to “1” and timer Bi interrupt request may be generated during the inter-
val between a count start and an effective edge input.
(7) If changing the measurement mode select bits are set after a count is started, the timer Bi
interrupt request bit goes to “1”. Note that the timer Bi interrupt request bit does not change if
the same value as before is written to the measurement mode select bits.
(8) If the input signal to the TBiIN pin is affected by noise, precise measurement may not be
performed in some cases. It is recommended to see that measurements fall within a specific
range by use of software.
(9) For pulse width measurement, pulse widths are successively measured. Use software to
check whether the measurement result is an “H” level width or an “L” level width.
2.3.7 Precautions for Timer B (pulse period/pulse width measurement mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com