Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 377 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 377 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 373Page - Renesas Technology Corp M16C/62 Datasheet HTML 374Page - Renesas Technology Corp M16C/62 Datasheet HTML 375Page - Renesas Technology Corp M16C/62 Datasheet HTML 376Page - Renesas Technology Corp M16C/62 Datasheet HTML 377Page - Renesas Technology Corp M16C/62 Datasheet HTML 378Page - Renesas Technology Corp M16C/62 Datasheet HTML 379Page - Renesas Technology Corp M16C/62 Datasheet HTML 380Page - Renesas Technology Corp M16C/62 Datasheet HTML 381Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 615 page
background image
Clock-Synchronous Serial I/O
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-60
In transmitting data in clock-synchronous serial I/O mode, choose functions from those listed in Table
2.4.1. Operations of the circled items are described below. Figure 2.4.7 shows the operation timing, and
Figures 2.4.8 and 2.4.9 show the set-up procedures.
2.4.2 Operation of Serial I/O (transmission in clock-synchronous serial I/O mode)
Note 1: This can be selected only when UART1 is used in combination with the internal clock. When this function is
_______ _______
_______ _______
selected, UART1 CTS/RTS function can not be utilized. Set the UART1 CTS/RTS disable bit to “1”.
Note 2: UART2 only.
(1) Setting the transmit enable bit to “1” and writing transmission data to the UARTi transmit
buffer register makes data transmissible status ready.
________
_______
(2) When input to the CTSi pin goes to “L” level, transmission starts (the CTSi pin must be
controlled on the reception side).
(3) In synchronization with the first falling edge of the transfer clock, transmission data held in the
UARTi transmit buffer register is transmitted to the UARTi transmit register. At this time, the
UARTi transmit interrupt request bit goes to “1”. Also, the first bit of the transmission data is
transmitted from the TxDi pin. Then the data is transmitted bit by bit from the lower order in
synchronization with the falling edges.
(4) When transmission of 1-byte data is completed, the transmit register empty flag goes to “1”,
which indicates that transmission is completed. The transfer clock stops at “H” level.
(5) If the next transmission data is set in the UARTi transmit buffer register while transmission is
in progress (before the eighth bit has been transmitted), the data is transmitted in succession.
Operation
Item
Item
Set-up
Set-up
Transfer clock
source
CLK polarity
Internal clock (f1 / f8 / f32)
External clock (CLKi pin)
CTS function
CTS function enabled
CTS function disabled
Output transmission data at
the falling edge of the
transfer clock
Output transmission data at
the rising edge of the
transfer clock
O
O
O
Transmission
interrupt factor
Transmission buffer empty
Transmission complete
Output transfer clock
to multiple pins
(Note 1)
Not selected
Selected
O
O
Transfer clock
LSB first
MSB first
O
Data logic select
function
(Note 2)
No reverse
Reverse
O
TXD, RXD I/O
polarity reverse bit
(Note 2)
No reverse
Reverse
O
Table 2.4.1. Choosed functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com