Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 384 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 384 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 380Page - Renesas Technology Corp M16C/62 Datasheet HTML 381Page - Renesas Technology Corp M16C/62 Datasheet HTML 382Page - Renesas Technology Corp M16C/62 Datasheet HTML 383Page - Renesas Technology Corp M16C/62 Datasheet HTML 384Page - Renesas Technology Corp M16C/62 Datasheet HTML 385Page - Renesas Technology Corp M16C/62 Datasheet HTML 386Page - Renesas Technology Corp M16C/62 Datasheet HTML 387Page - Renesas Technology Corp M16C/62 Datasheet HTML 388Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 615 page
background image
Clock-Synchronous Serial I/O
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-67
Figure 2.4.12. Set-up procedure of transmission in clock-synchronous serial I/O mode, transfer
clock output from multiple pins function selected (2)
Setting UART1 bit rate generator
UART1 bit rate generator [Address 03A916]
U1BRG
Can be set to 0016 to FF16
(Note)
b7
b0
Writing transmit data
UART1 transmit buffer register [Address 03AB16, 03AA16]
U1TB
Setting transmission data
b7
b0 b7
b0
(b15)
(b8)
Transmission enabled
UART1 transmit/receive control register 1 [Address 03AD16]
U1C1
Transmit enable bit
1 : Transmission enabled
b7
b0
1
Checking the status of UART1 transmit/receieve control register
UART1 transmit/receive control register 1 [Address 03AD16]
U1C1
b7
b0
Transmit buffer empty flag
0 : Data present in transmit buffer register
1 : No data present in transmit buffer register (Writing next transmit data enabled)
Start transmission
Writing next transmit data
UART1 transmit buffer register [Address 03AB16, 03AA16]
U1TB
Setting transmission data
b7
b0 b7
b0
(b15)
(b8)
Transmission is complete
Continued from the previous page
Note: Write to UART1 bit rate generator when transmission/reception is halted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com