Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 426 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 426 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 422Page - Renesas Technology Corp M16C/62 Datasheet HTML 423Page - Renesas Technology Corp M16C/62 Datasheet HTML 424Page - Renesas Technology Corp M16C/62 Datasheet HTML 425Page - Renesas Technology Corp M16C/62 Datasheet HTML 426Page - Renesas Technology Corp M16C/62 Datasheet HTML 427Page - Renesas Technology Corp M16C/62 Datasheet HTML 428Page - Renesas Technology Corp M16C/62 Datasheet HTML 429Page - Renesas Technology Corp M16C/62 Datasheet HTML 430Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 426 / 615 page
background image
SI/O3, 4
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-109
Figure 2.6.4. Set-up procedure of transmission in SI/O3, 4 mode
Setting SI/Oi transmit/receive control register (i=3, 4)
SI/Oi transmit/receive control register (i=3,4) [Address 036216, 036616]
SiC(i=3,4)
Synchronous clock select bit
1 : Internal clock
b7
b0
0
Internal synchronous clock select bit
0 0 : f1 is selected
0 1 : f8 is selected
1 0 : f32 is selected
1 1 : Must not be set
b1 b0
SOUTi output disable bit
0 : SOUTi output
SI/Oi port select bit
1 : SOUTi output, CLK function
Transfer format select bit
0 : LSB first
Note 1: Be sure to set the protect register and SI/Oi control register successively.
Clearing the protect (set to write-enabled state)
Protect register [Address 000A16]
PRCR
Enables writing to port P9 direction register (address 03F316) and SI/Oi control register
(i=3,4) (addresses 036216 and 036616)
1 : Write-enabled
b7
b0
1
1
0
1
SOUTi initial value set bit(Effective when SMi3=0)
0 : L output
1 : H output
Setting SI/Oi bit rate generator (i = 3, 4)
SI/Oi bit rate generator (i = 3, 4) [Address 036316, 036716]
SiBRG (i = 3, 4)
Can be set to 0016 to FF16 (Note 2)
b7
b0
Note 2: Write to SI/Oi bit rate generator when transmission/reception is halted.
Writing transmit data
SI/Oi transmit/receive register (i=3, 4) [Address 036016, 036416]
SiTRR (i=3, 4)
Setting transmission data (Note 3)
b7
b0
Note 3: Write to SI/Oi transmit/receive register when transmission/reception is halted.
SI/Oi interrupt
request bit
Transfer the next data
Wait for a 1/2 transfer clock period
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com