Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 447 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 447 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 443Page - Renesas Technology Corp M16C/62 Datasheet HTML 444Page - Renesas Technology Corp M16C/62 Datasheet HTML 445Page - Renesas Technology Corp M16C/62 Datasheet HTML 446Page - Renesas Technology Corp M16C/62 Datasheet HTML 447Page - Renesas Technology Corp M16C/62 Datasheet HTML 448Page - Renesas Technology Corp M16C/62 Datasheet HTML 449Page - Renesas Technology Corp M16C/62 Datasheet HTML 450Page - Renesas Technology Corp M16C/62 Datasheet HTML 451Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 447 / 615 page
background image
A-D Converter
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-130
A-D
conversion
start flag
“1”
“0”
A-D register 0
A-D register 1
φAD
A-D register 2
Result
Result
Result
Set to “1” by software
Result
Cleared to “0” by software
(2)
(3) Consecutive conversion
8-bit resolution :
28
φAD cycles
10-bit resolution :
33
φAD cycles
A-D
conversion
is complete
(4)
Conversion result is
transfered to A-D
conversion register 0
Note: When
φAD frequency is less than 1MHz, sample and hold function cannot be selected.
Conversion rate per analog input pin is 49
φAD cycles for 8-bit resolution and 59 φAD cycles for 10-bit resolution.
8-bit resolution :
28
φAD cycles
10-bit resolution :
33
φAD cycles
8-bit resolution :
28
φAD cycles
10-bit resolution :
33
φAD cycles
8-bit resolution :
28
φAD cycles
10-bit resolution :
33
φAD cycles
(1) Start AN0 pin conversion
2.7.9 Operation of A-D Converter (in repeat sweep mode 1)
Figure 2.7.20. Operation timing of repeat sweep 1 mode
In repeat sweep 1 mode, choose functions from those listed in Table 2.7.9. Operations of the circled items are
described below. Figure 2.7.19 shows ANi pin's sweep sequence, Figure 2.7.20 shows timing chart, and Figure
2.7.21 shows the set-up procedure.
Operation
(1) Setting the A-D conversion start flag to “1” causes the A-D converter to start the conversion on voltage
input to the AN0 pin.
(2) After the A-D conversion on voltage input to the AN0 pin is completed, the content of the successive
comparison register (conversion result) is transmitted to A-D register 0.
(3) Every time the A-D converter carries out A-D conversion on a selected analog input pin, the A-D converter
carries out A-D conversion on only one unselected pin, and then the A-D converter carries out A-D conver-
sion from the AN0 pin again. (See Figure 2.7.19.) The conversion result is transmitted to A-D register i
every time conversion on a pin is completed. The A-D conversion interrupt request bit does not go to “1”.
(4) The A-D converter continues operating until software goes the A-D convers
ion start flag to “0”.
Table 2.7.9. Choosed functions
Item
Item
Set-up
Set-up
Operation clock
φAD
Divided-by-4 fAD / divided-
by-2 fAD / fAD
8-bit / 10-bit
External ope-amp
connection mode
Expanded analog
input pin
Not used
O
O
Resolution
Analog input pin
An0 (1 pin) / AN0 and AN1 (2
pins) / AN0 to AN2 (3 pins) /
AN0 to AN3 (4 pins)
O
O
Software trigger
Trigger for starting
A-D conversion
O
Trigger by ADTRG
Sample & Hold
Not activated
Activated
O
Figure 2.7.19. ANi pin's sweep sequence in repeat sweep mode
When AN0 is selected
Time
00
00000000
1
2
3
4
5
6
7
1
2
.
.
.
When AN0, AN1 are selected
Time
0000000
1111111
2
3
4
5
6
7
.
.
.
0
2
Time
0000000
222222
3
4
5
6
7
.
.
.
3
111111
When AN0 to AN2 are selected
Time
000000
3333
2
4
5
6
7
.
.
.
11111
2222
3
4
When AN0 to AN3 are selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com