Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 452 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 452 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 448Page - Renesas Technology Corp M16C/62 Datasheet HTML 449Page - Renesas Technology Corp M16C/62 Datasheet HTML 450Page - Renesas Technology Corp M16C/62 Datasheet HTML 451Page - Renesas Technology Corp M16C/62 Datasheet HTML 452Page - Renesas Technology Corp M16C/62 Datasheet HTML 453Page - Renesas Technology Corp M16C/62 Datasheet HTML 454Page - Renesas Technology Corp M16C/62 Datasheet HTML 455Page - Renesas Technology Corp M16C/62 Datasheet HTML 456Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 452 / 615 page
background image
A-D Converter
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-135
(1) In 8-bit mode, 8 higher-order bits of the 10-bit successive comparison register becomes A-D
conversion result. Hence, if compared to a result obtained by using an 8-bit A-D converter,
the voltage compared is different by 3 VREF/2048 (see what are underscored in Table
2.7.12), and differences in stepping points of output codes occur as shown in Figure 2.7.24.
2.7.12 Method of A-D Conversion (8-bit mode)
Figure 2.7.24. The level conversion characteristics of 8-bit mode and 8-bit A-D converter
Comparison
voltage
Vref
8-bit mode
8-bit A-D converter
–
28
VREF
210
VREF
n
x 0.5
x
–
28
VREF
28
VREF
n
x
0.5
n = 0
n = 1 to 255
00
x
Table 2.7.12. The comparison voltage in 8-bit mode compared to 8-bit A-D converter
07
05
06
03
00
02
Analog input voltage (mV)
Output code
(Result of A-D conversion)
02
01
00
Analog input voltage (mV)
Output code
(Result of A-D conversion)
04
02
01
00
01
10-bit
mode
8-bit
mode
8bit-mode
10bit-mode
08
09
10
30
17.5
37.5
(Note)
Optimal conversion characteristics of 8-bit A-D converter (VREF = 5.12 V)
Optimal conversion characteristics in 8-bit mode (VREF = 5.12 V)
Note: Differences in stepping points of output code for analog input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com