Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 462 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 462 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 458Page - Renesas Technology Corp M16C/62 Datasheet HTML 459Page - Renesas Technology Corp M16C/62 Datasheet HTML 460Page - Renesas Technology Corp M16C/62 Datasheet HTML 461Page - Renesas Technology Corp M16C/62 Datasheet HTML 462Page - Renesas Technology Corp M16C/62 Datasheet HTML 463Page - Renesas Technology Corp M16C/62 Datasheet HTML 464Page - Renesas Technology Corp M16C/62 Datasheet HTML 465Page - Renesas Technology Corp M16C/62 Datasheet HTML 466Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 462 / 615 page
background image
DMAC
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-145
(7) Switching function
(a) Switching between one-shot transfer and repeated transfer
'One-shot transfer' refers to a mode in which DMA is disabled after the transfer counter underflows.
'Repeated transfer' refers to a mode in which a reload is carried out after the transfer counter under-
flows. The reload is carried out for the transfer counter and on the address pointer subjected to
forward direction.
The following are examples of operation in which the options listed are selected.
• A fixed address from an arbitrary 1M byte space, one-shot transfer ..................................... P2-148
• An arbitrary 1M byte space from a fixed address, repeated transfer ..................................... P2-150
(8) Registers related to DMAC
Figure 2.9.1 shows the memory map of DMAC-related registers, and Figures 2.9.2 and 2.9.3 show
DMAC-related registers.
Figure 2.9.1. Memory map of DMAC-related registers
002016
002116
002216
002316
002416
002516
002616
002716
002816
002916
002C15
003016
003116
003216
003316
003416
003516
003616
003716
003816
003916
003C16
004B16
004C16
03B816
03B916
03BA16
DMA0 control register (DM0CON)
DMA0 source pointer (SAR0)
DMA0 transfer counter (TCR0)
DMA0 destination pointer (DAR0)
DMA1 control register (DM1CON)
DMA1 source pointer (SAR1)
DMA1 transfer counter (TCR1)
DMA1 destination pointer (DAR1)
DMA0 cause select register (DM0SL)
DMA1 cause select register (DM1SL)
DMA0 interrupt control register (DM0IC)
DMA1 interrupt control register (DM1IC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com