Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 474 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 474 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 470Page - Renesas Technology Corp M16C/62 Datasheet HTML 471Page - Renesas Technology Corp M16C/62 Datasheet HTML 472Page - Renesas Technology Corp M16C/62 Datasheet HTML 473Page - Renesas Technology Corp M16C/62 Datasheet HTML 474Page - Renesas Technology Corp M16C/62 Datasheet HTML 475Page - Renesas Technology Corp M16C/62 Datasheet HTML 476Page - Renesas Technology Corp M16C/62 Datasheet HTML 477Page - Renesas Technology Corp M16C/62 Datasheet HTML 478Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 474 / 615 page
background image
Watchdog Timer
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-157
Reserved bit
Must always be set to “0”
Watchdog timer control register [Address 000F16]
WDC
Setting watchdog timer control register
b7
b0
Setting watchdog timer start register
The watchdog timer is initialized and starts counting with a write instruction to
this register. The watchdog timer value is always initialized to “7FFF16”
regardless of the value written.
Watchdog timer start register [Address 000E16]
WDTS
b0
b7
Clearing the protect
Enables writing to processor mode registers 0 and 1
(addresses 000416 and 000516)
1 : Write-enabled
Protect register [Address 000A16]
PRCR
b7
b0
1
Generating watchdog
timer interrupt
00
Prescaler select bit
0 : Divided by 16
1 : Divided by 128
Software reset
Software reset bit
The device is reset when this bit is set to “1”. The value of this bit
is “0” when read.
Processor mode register 0 [Address 000416]
PM0
b7
b0
1
Figure 2.11.4. Set-up procedure of watchdog timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com