Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 488 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 488 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 484Page - Renesas Technology Corp M16C/62 Datasheet HTML 485Page - Renesas Technology Corp M16C/62 Datasheet HTML 486Page - Renesas Technology Corp M16C/62 Datasheet HTML 487Page - Renesas Technology Corp M16C/62 Datasheet HTML 488Page - Renesas Technology Corp M16C/62 Datasheet HTML 489Page - Renesas Technology Corp M16C/62 Datasheet HTML 490Page - Renesas Technology Corp M16C/62 Datasheet HTML 491Page - Renesas Technology Corp M16C/62 Datasheet HTML 492Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 488 / 615 page
background image
Multiple Interrupts
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-171
2.14.2 Multiple Interrupts Operation
The state when control branched to an interrupt routine is described below:
· The interrupt enable flag (I flag) is set to “0” (the interrupt is disabled).
· The interrupt request bit of the accepted interrupt is set to “0”.
· The processor interrupt priority level (IPL) is assigned to the same interrupt priority level as as
signed to the accepted interrupt.
Setting the interrupt enable flag (I flag) to “1” within an interrupt routine allows an interrupt request as-
signed a priority higher than the IPL to be accepted.
An interrupt request that is not accepted because of low priority will be held. If the condition following is
met when the REIT instruction returns the IPL and the interrupt priority is determined, then the interrupt
request being held is accepted.
Interrupt priority level of the interrupt request being held
>
Returned the IPL
Figure 2.14.6 shows the example of the multiple interrupts operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com