Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 513 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 513 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 509Page - Renesas Technology Corp M16C/62 Datasheet HTML 510Page - Renesas Technology Corp M16C/62 Datasheet HTML 511Page - Renesas Technology Corp M16C/62 Datasheet HTML 512Page - Renesas Technology Corp M16C/62 Datasheet HTML 513Page - Renesas Technology Corp M16C/62 Datasheet HTML 514Page - Renesas Technology Corp M16C/62 Datasheet HTML 515Page - Renesas Technology Corp M16C/62 Datasheet HTML 516Page - Renesas Technology Corp M16C/62 Datasheet HTML 517Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 513 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-196
Timer A Applications
In this process, Timer A0 and A1 are used to generate variable-period, variable-duty PWM out-
put. Figure 3.2.1 shows the operation timing, Figure 3.2.2 shows the connection diagram, and
Figures 3.2.3 and 3.2.4 show the set-up procedure.
Use the following peripheral functions:
• Timer mode of timer A
• One-shot timer mode of timer A
(1) Set timer A0 in timer mode, and set timer A1 in one-shot timer mode with pulse-output function.
(2) Set 1 ms, the PWM period, to timer A0. Set 500
µs, the width of PWM “H” pulse, to timer A1.
Both timer A0 and timer A1 use f1 for the count source.
(3) Connect a 16-MHz oscillator to XIN.
(1) Setting the count start flag to “1” causes the counter of timer A0 to begin counting. The
counter of timer A0 performs a down count on count source f1.
(2) If the counter of timer A0 underflows, the counter reloads the content of the reload register
and continues counting. At this time, the timer A0 interrupt request bit goes to “1”.
(3) An underflow in timer A0 triggers the counter of timer A1 and causes it to begin counting. When
the counter of timer A1 begins counting, the output level of the TA1OUT pin goes to “H”.
(4) As soon as the count of the counter of timer A1 becomes “000016”, the output level of TA1OUT
pin goes to “L”, and the counter reloads the content of the reload register and stops counting.
At the same time, the timer A1 interrupt request bit goes to “1”.
3.2 Variable-Period Variable-Duty PWM Output
Overview
Specifications
Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com