Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 519 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 519 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 515Page - Renesas Technology Corp M16C/62 Datasheet HTML 516Page - Renesas Technology Corp M16C/62 Datasheet HTML 517Page - Renesas Technology Corp M16C/62 Datasheet HTML 518Page - Renesas Technology Corp M16C/62 Datasheet HTML 519Page - Renesas Technology Corp M16C/62 Datasheet HTML 520Page - Renesas Technology Corp M16C/62 Datasheet HTML 521Page - Renesas Technology Corp M16C/62 Datasheet HTML 522Page - Renesas Technology Corp M16C/62 Datasheet HTML 523Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 519 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-202
Timer A Applications
Figure 3.3.3. Set-up procedure of delayed one-shot output (1)
Continued to the next page
Setting timer A0
Setting one-shot start flag
(Select TA0IN pin to input TA0 trigger)
b7
b0
One-shot start flag [Address 038216]
ONSF
Timer A0 event/trigger select bit
0 0 : Input on TA0IN is selected (Note)
b7 b6
Note: Set the corresponding port direction register to “0”.
Setting delay time
b7
b0
(b15)
(b8)
b7
b0
Timer A0 register [Address 038716, 038616]
TA0
3E16
8016
Pulse output function select bit
0 : Pulse is not output (TA0OUT pin is normal port pin)
Selecting one-shot timer mode and functions
Timer A0 mode register [Address 039616]
TA0MR
External trigger select bit
0 : Falling edge of TA0IN pin's input signal
Selection of one-shot timer mode
b7
b0
10
00
1
0 (Must always be “0” in one-shot timer mode)
Count source select bit
0 0 : f1
b7 b6
Trigger select bit
1 : Selected by event/trigger select register
0
00
Count source period
f(XIN) : 16MHZ
f(XcIN) : 32.768kHZ
b7 b6
Count
source
62.5ns
500ns
2µs
976.56µs
00
01
10
11
f1
f8
f32
fC32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com