Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 535 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 535 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 531Page - Renesas Technology Corp M16C/62 Datasheet HTML 532Page - Renesas Technology Corp M16C/62 Datasheet HTML 533Page - Renesas Technology Corp M16C/62 Datasheet HTML 534Page - Renesas Technology Corp M16C/62 Datasheet HTML 535Page - Renesas Technology Corp M16C/62 Datasheet HTML 536Page - Renesas Technology Corp M16C/62 Datasheet HTML 537Page - Renesas Technology Corp M16C/62 Datasheet HTML 538Page - Renesas Technology Corp M16C/62 Datasheet HTML 539Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 535 / 615 page
background image
Controlling Power Applications
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-218
Figure 3.8.3. Set-up procedure of controlling power using wait mode (2)
Canceling protect
Protect register [Address 000A 16]
PRCR
b7
b0
1
Enables writing to system clock control registers 0 and 1 (address 0006 16 and 000716)
1 : write-enabled
Switching system clock
b7
b0
System clock select bit
1 : XCIN-XCOUT
1
System clock control register 0 [Address 0006 16]
CM0
b7
b0
Main clock (XIN-XOUT) stop bit
1 : Off
1
System clock control register 0 [Address 0006 16]
CM0
Stopping main clock
[F_WIT] = 1
WAIT instruction
b7
b0
Main clock (XIN-XOUT) stop bit
0 : On
0
System clock control register 0 [Address 0006 16]
CM0
Starting main clock oscillator
[F_WIT] : 1
=
≠
TB2 interrupt request generated
INT0 interrupt request generated
NOP instruction X 4
Continued from the previous page
Interrupt enable flag (I flag)
“1”
Switching system clock
b7
b0
System clock select bit
0 : XIN-XOUT
0
System clock control register 0 [Address 0006 16]
CM0
Wait until the main clock has stabilized



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com