Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 555 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 555 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 551Page - Renesas Technology Corp M16C/62 Datasheet HTML 552Page - Renesas Technology Corp M16C/62 Datasheet HTML 553Page - Renesas Technology Corp M16C/62 Datasheet HTML 554Page - Renesas Technology Corp M16C/62 Datasheet HTML 555Page - Renesas Technology Corp M16C/62 Datasheet HTML 556Page - Renesas Technology Corp M16C/62 Datasheet HTML 557Page - Renesas Technology Corp M16C/62 Datasheet HTML 558Page - Renesas Technology Corp M16C/62 Datasheet HTML 559Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 555 / 615 page
background image
External Buses
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-238
BCLK X 2
BCLK X 1
Separate bus
BCLK X 1
Microprocessor mode
When,
PM17 = “0”
PM04, PM05 = “00”
CS0 = “1”
CS3 = “1”
CS0W = “0”
CS3W = “1”
Separate bus
BCLK X 2
SFR area
Internal RAM area
CS3 external area
CS0 external area
0000016
0040016
0400016
0800016
1000016
3000016
FFFFF16
02C0016
BCLK X 2
BCLK X 1
Multiplex bus
BCLK X 3
Microprocessor mode
When,
PM17 = “0”
PM04, PM05 = “10”
CS0 = “1”
CS2 = “1”
CS0W = “0”
CS2W = “0”
Separate bus
BCLK X 2
SFR area
Internal RAM area
CS0 external area
0000016
0040016
0400016
0800016
2800016
3000016
FFFFF16
02C0016
CS2 external area
BCLK X 2
BCLK X 2
Microprocessor mode
When,
PM17 = “1”
PM04, PM05 = “00”
CS0 = “1”
CS3 = “1”
CS0W = “0”
CS3W = “1”
Separate bus
BCLK X 2
Separate bus
BCLK X 2
SFR area
Internal RAM area
CS3 external area
CS0 external area
0000016
0040016
0400016
0800016
1000016
3000016
FFFFF16
02C0016
BCLK X 2
BCLK X 2
Microprocessor mode
When,
PM17= “1”
PM04, PM05 = “10”
CS0 = “1”
CS2 = “1”
CS0W = “0”
CS2W = “0”
Separate bus
BCLK X 2
Multiplex bus
BCLK X 3
SFR area
Internal RAM area
CS0 external area
0000016
0040016
0400016
0800016
2800016
3000016
FFFFF16
02C0016
CS2 external area
In case of M30620MAA
Figure 4.4.5. Relation of processor mode and the wait bit (PM17, CSiW) (3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com