Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 589 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 589 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 585Page - Renesas Technology Corp M16C/62 Datasheet HTML 586Page - Renesas Technology Corp M16C/62 Datasheet HTML 587Page - Renesas Technology Corp M16C/62 Datasheet HTML 588Page - Renesas Technology Corp M16C/62 Datasheet HTML 589Page - Renesas Technology Corp M16C/62 Datasheet HTML 590Page - Renesas Technology Corp M16C/62 Datasheet HTML 591Page - Renesas Technology Corp M16C/62 Datasheet HTML 592Page - Renesas Technology Corp M16C/62 Datasheet HTML 593Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 589 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Appendix 3 Setting register for pin function selected
2-272
e
m
a
n
n
i
P1
S
C
/
5
4
P.
o
N
n
i
P)
P
F
(
9
4)
P
G
(
7
4
n
o
i
t
c
e
l
e
s
n
o
i
t
c
n
u
F
r
e
t
s
i
g
e
r
g
n
i
t
t
e
S
s
k
r
a
m
e
Re
g
a
P
h
A
E
3
,
5h
D
F
3
,
1h
8
0
0
,
1h
4
0
0
,
1h
4
0
0
,
0
1
S
CO
t
u
p
t
u
o
t
c
e
l
e
s
p
i
h
CX
X
1
X
1
8
2
-
1
5
4
PI
)
h
g
i
h
d
e
ll
u
p
o
N
(
t
u
p
n
i
t
r
o
P
0
0
0
0
X
0
0
X
0
1
3
6
1
-
1
5
4
PI
)
h
g
i
h
d
e
ll
u
P
(
t
u
p
n
i
t
r
o
P
0
0
1
0
X
0
0
X
0
1
3
6
1
-
1
5
4
PO
t
u
p
t
u
o
t
r
o
P
1
1
X
X
X
0
0
X
0
1
3
6
1
-
1
h
A
E
3
,
5r
e
t
s
i
g
e
r
n
o
i
t
c
e
r
i
d
5
4
P
t
r
o
P
8
6
1
-
1
h
D
F
3
,
1r
e
t
s
i
g
e
r
l
o
r
t
n
o
c
p
u
-
ll
u
p
7
4
P
o
t
4
4
P
0
7
1
-
1
h
8
0
0
,
1r
e
t
s
i
g
e
r
l
o
r
t
n
o
c
t
c
e
l
e
s
p
i
h
c
f
o
t
i
b
e
l
b
a
n
e
t
u
p
t
u
o
1
S
C
9
2
-
1
h
4
0
0
,
10
r
e
t
s
i
g
e
r
e
d
o
m
r
o
s
s
e
c
o
r
p
f
o
t
i
b
e
d
o
m
r
o
s
s
e
c
o
r
P
3
2
-
1
h
4
0
0
,
00
r
e
t
s
i
g
e
r
e
d
o
m
r
o
s
s
e
c
o
r
p
f
o
t
i
b
e
d
o
m
r
o
s
s
e
c
o
r
P
3
2
-
1
e
m
a
n
n
i
P2
S
C
/
6
4
P.
o
N
n
i
P)
P
F
(
8
4)
P
G
(
6
4
n
o
i
t
c
e
l
e
s
n
o
i
t
c
n
u
F
r
e
t
s
i
g
e
r
g
n
i
t
t
e
S
s
k
r
a
m
e
Re
g
a
P
h
A
E
3
,
6h
D
F
3
,
1h
8
0
0
,
2h
4
0
0
,
1h
4
0
0
,
0
2
S
CO
t
u
p
t
u
o
t
c
e
l
e
s
p
i
h
CX
X
1
X
1
8
2
-
1
6
4
PI
)
h
g
i
h
d
e
ll
u
p
o
N
(
t
u
p
n
i
t
r
o
P
0
0
0
0
X
0
0
X
0
1
3
6
1
-
1
6
4
PI
)
h
g
i
h
d
e
ll
u
P
(
t
u
p
n
i
t
r
o
P
0
0
1
1
X
0
0
X
0
1
3
6
1
-
1
6
4
PO
t
u
p
t
u
o
t
r
o
P
1
1
X
X
X
0
0
X
0
1
3
6
1
-
1
h
A
E
3
,
6r
e
t
s
i
g
e
r
n
o
i
t
c
e
r
i
d
6
4
P
t
r
o
P
8
6
1
-
1
h
D
F
3
,
1r
e
t
s
i
g
e
r
l
o
r
t
n
o
c
p
u
-
ll
u
p
7
4
P
o
t
4
4
P
0
7
1
-
1
h
8
0
0
,
2r
e
t
s
i
g
e
r
l
o
r
t
n
o
c
t
c
e
l
e
s
p
i
h
c
f
o
t
i
b
e
l
b
a
n
e
t
u
p
t
u
o
2
S
C
9
2
-
1
h
4
0
0
,
10
r
e
t
s
i
g
e
r
e
d
o
m
r
o
s
s
e
c
o
r
p
f
o
t
i
b
e
d
o
m
r
o
s
s
e
c
o
r
P
3
2
-
1
h
4
0
0
,
00
r
e
t
s
i
g
e
r
e
d
o
m
r
o
s
s
e
c
o
r
p
f
o
t
i
b
e
d
o
m
r
o
s
s
e
c
o
r
P
3
2
-
1
e
m
a
n
n
i
P3
S
C
/
7
4
P.
o
N
n
i
P)
P
F
(
7
4)
P
G
(
5
4
n
o
i
t
c
e
l
e
s
n
o
i
t
c
n
u
F
r
e
t
s
i
g
e
r
g
n
i
t
t
e
S
s
k
r
a
m
e
Re
g
a
P
h
A
E
3
,
7h
D
F
3
,
1h
8
0
0
,
3h
4
0
0
,
1h
4
0
0
,
0
3
S
CO
t
u
p
t
u
o
t
c
e
l
e
s
p
i
h
CX
X
1
X
1
8
2
-
1
7
4
PI
)
h
g
i
h
d
e
ll
u
p
o
N
(
t
u
p
n
i
t
r
o
P
0
0
0
0
X
0
0
X
0
1
3
6
1
-
1
7
4
PI
)
h
g
i
h
d
e
ll
u
P
(
t
u
p
n
i
t
r
o
P
0
0
1
1
X
0
0
X
0
1
3
6
1
-
1
7
4
PO
t
u
p
t
u
o
t
r
o
P
1
1
X
X
X
0
0
X
0
1
3
6
1
-
1
h
A
E
3
,
7r
e
t
s
i
g
e
r
n
o
i
t
c
e
r
i
d
7
4
P
t
r
o
P
8
6
1
-
1
h
D
F
3
,
1r
e
t
s
i
g
e
r
l
o
r
t
n
o
c
p
u
-
ll
u
p
7
4
P
o
t
4
4
P
0
7
1
-
1
h
8
0
0
,
3r
e
t
s
i
g
e
r
l
o
r
t
n
o
c
t
c
e
l
e
s
p
i
h
c
f
o
t
i
b
e
l
b
a
n
e
t
u
p
t
u
o
3
S
C
9
2
-
1
h
4
0
0
,
10
r
e
t
s
i
g
e
r
e
d
o
m
r
o
s
s
e
c
o
r
p
f
o
t
i
b
e
d
o
m
r
o
s
s
e
c
o
r
P
3
2
-
1
h
4
0
0
,
00
r
e
t
s
i
g
e
r
e
d
o
m
r
o
s
s
e
c
o
r
p
f
o
t
i
b
e
d
o
m
r
o
s
s
e
c
o
r
P
3
2
-
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com