Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 258 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 258 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 254Page - Renesas Technology Corp M16C/62 Datasheet HTML 255Page - Renesas Technology Corp M16C/62 Datasheet HTML 256Page - Renesas Technology Corp M16C/62 Datasheet HTML 257Page - Renesas Technology Corp M16C/62 Datasheet HTML 258Page - Renesas Technology Corp M16C/62 Datasheet HTML 259Page - Renesas Technology Corp M16C/62 Datasheet HTML 260Page - Renesas Technology Corp M16C/62 Datasheet HTML 261Page - Renesas Technology Corp M16C/62 Datasheet HTML 262Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 615 page
background image
Appendix Standard Serial I/O Mode (Flash Memory Version)
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
1-239
Standard serial I/O mode
The standard serial I/O mode inputs and outputs the software commands, addresses and data needed to
operate (read, program, erase, etc.) the internal flash memory. This I/O is serial. There are actually two
standard serial I/O modes: mode 1, which is clock synchronized, and mode 2, which is asynchronized. Both
modes require a purpose-specific peripheral unit.
The standard serial I/O mode is different from the parallel I/O mode in that the CPU controls flash memory
rewrite (uses the CPU's rewrite mode), rewrite data input and so forth. It is started when the reset is re-
_____
________
leased, which is done when the P50 (CE) pin is "H" level, the P55 (EPM) pin "L" level and the CNVss pin "H"
level. (In the ordinary command mode, set CNVss pin to "L" level.)
This control program is written in the boot ROM area when the product is shipped from Mitsubishi. Accord-
ingly, make note of the fact that the standard serial I/O mode cannot be used if the boot ROM area is
rewritten in the parallel I/O mode. Figures 1.29.1 and 1.29.2 show the pin connections for the standard
serial I/O mode. Serial data I/O uses UART1 and transfers the data serially in 8-bit units. Standard serial I/
O switches between mode 1 (clock synchronized) and mode 2 (clock asynchronized) according to the level
of CLK1 pin when the reset is released.
To use standard serial I/O mode 1 (clock synchronized), set the CLK1 pin to "H" level and release the reset.
The operation uses the four UART1 pins CLK1, RxD1, TxD1 and RTS1 (BUSY). The CLK1 pin is the transfer
clock input pin through which an external transfer clock is input. The TxD1 pin is for CMOS output. The
RTS1 (BUSY) pin outputs an "L" level when ready for reception and an "H" level when reception starts.
To use standard serial I/O mode 2 (clock asynchronized), set the CLK1 pin to "L" level and release the
reset. The operation uses the two UART1 pins RxD1 and TxD1.
In the standard serial I/O mode, only the user ROM area indicated in Figure 1.29.19 can be rewritten. The
boot ROM cannot.
In the standard serial I/O mode, a 7-byte ID code is used. When there is data in the flash memory, com-
mands sent from the peripheral unit are not accepted unless the ID code matches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com