Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 321 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 321 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 317Page - Renesas Technology Corp M16C/62 Datasheet HTML 318Page - Renesas Technology Corp M16C/62 Datasheet HTML 319Page - Renesas Technology Corp M16C/62 Datasheet HTML 320Page - Renesas Technology Corp M16C/62 Datasheet HTML 321Page - Renesas Technology Corp M16C/62 Datasheet HTML 322Page - Renesas Technology Corp M16C/62 Datasheet HTML 323Page - Renesas Technology Corp M16C/62 Datasheet HTML 324Page - Renesas Technology Corp M16C/62 Datasheet HTML 325Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Protect
2-4
2.1.2 Protect Operation
The following explains the protect operation. Figure 2.1.2 shows the set-up procedure.
(1) Setting “1” in the write-enable bit of system clock control registers 0 and 1 causes system
clock control register 0 and system clock control register 1 to be in write-enabled state.
(2) The contents of system clock control register 0 and that of system clock control register 1 are changed.
(3) Setting “0” in the write-enable bit of system control registers 0 and 1 causes system clock
control register 0 and system control register 1 to be in write-inhibited state.
(4) To change the contents of processor mode register 0 and that of processor mode register 1,
follow the same steps as in dealing with system clock control registers.
(5) The write-enable bit of port 9 direction register and SI/Oi control register (i=3,4) goes to “0”
when the next write instruction is executed after write-enabled state is readied. Make
changes in input/output and SI/Oi control register (i=3,4) immediately after the instruction that
sets “1” in the write-enable bit of port P9 direction register and SI/Oi control register
(i=3,4)(avoid causing an interrupt). Also take measures to prevent DMA transfer from being
executed.
Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com