Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 532 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 532 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 528Page - Renesas Technology Corp M16C/62 Datasheet HTML 529Page - Renesas Technology Corp M16C/62 Datasheet HTML 530Page - Renesas Technology Corp M16C/62 Datasheet HTML 531Page - Renesas Technology Corp M16C/62 Datasheet HTML 532Page - Renesas Technology Corp M16C/62 Datasheet HTML 533Page - Renesas Technology Corp M16C/62 Datasheet HTML 534Page - Renesas Technology Corp M16C/62 Datasheet HTML 535Page - Renesas Technology Corp M16C/62 Datasheet HTML 536Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 532 / 621 page
background image
External Buses
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
517
(1)4-Mbyte ROM and 128-Kbyte SRAM Connection Example
Figure 5.3.6 shows how to connect 4-Mbyte ROM and 128-Kbyte SRAM in microprocessor mode. Locate
_______
the 4-Mbyte ROM in the CS0 area that has been extended in memory space extension mode 2 and the
______
128-Kbyte SRAM in the CS2 area.
______
______
Connect CS0 to the 4-Mbyte ROM’s chip enable pin and CS1, CS2, and CS to the address pins A19, A20,
and A21, respectively. Connect the M16C’s A19 to the 4-Mbyte ROM’s A18, leaving the M16C’s A18
unused.
In the above diagram, an SRAM with two chip select signal inputs is used. When using memory with only
one chip select signal input, you need to have an external circuit to decode the address.
Addresses in 4-Mbyte ROM with regard to M16C settings are shown in Table 5.3.1.
Figure 5.3.6. 4-Mbyte ROM and 128-Kbyte SRAM Connection Example
CNVss
BYTE
M16C/62
A0 to A19
CS0
CS1
CS2
CS3
D0 to D7
RD
WR
CS3
CS2
CS1
A19
A17 to A0
4M bytes ROM
A21
A20
A19
A18
A17 to A0
CE
OE
DQ0 D0
D7
RD
CS0
128K bytes SRAM
S1
S2
OE
W
DQ1
A0
A16
WR
RD
CS2
D0
D7
CS0
to
to
to
to
to
to
A16
A0
DQ8
DQ7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com