Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62 Datasheet(PDF) 534 Page - Renesas Technology Corp

Part # M16C/62
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62 Datasheet(HTML) 534 Page - Renesas Technology Corp

Back Button M16C/62 Datasheet HTML 530Page - Renesas Technology Corp M16C/62 Datasheet HTML 531Page - Renesas Technology Corp M16C/62 Datasheet HTML 532Page - Renesas Technology Corp M16C/62 Datasheet HTML 533Page - Renesas Technology Corp M16C/62 Datasheet HTML 534Page - Renesas Technology Corp M16C/62 Datasheet HTML 535Page - Renesas Technology Corp M16C/62 Datasheet HTML 536Page - Renesas Technology Corp M16C/62 Datasheet HTML 537Page - Renesas Technology Corp M16C/62 Datasheet HTML 538Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 534 / 621 page
background image
External Buses
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
519
(2)2-Mbyte ROM and 256-Kbyte SRAM Connection Example
Figure 5.3.8 shows how to connect 2-Mbyte ROM and 256-Kbyte SRAM in microprocessor mode. Locate
both the 2-Mbyte ROM and 256-Kbyte SRAM in the CS0 area that has been extended in memory space
extension mode 2.
Specifically, locate the 2-Mbyte ROM in the area comprised of banks 4 though 7 and the 256-Kbyte
SRAM in the area of bank 0.
_______
_______
_______
Enter the signal decoded from outputs CS0 and CS3 to the 2-Mbyte ROM’s chip enable pin. Connect CS1
_______
and CS2 to the address pins A19 and A20. Connect the M16C’s A19 to the 2-Mbyte ROM’s A18, leaving
the M16C’s A18 unused.
_______
_______
Enter the signal decoded from outputs CS0 and CS3 to the 256-Kbyte SRAM’s chip enable pin.
Access areas in 2-Mbyte ROM and 256-Kbyte SRAM with regard to M16C settings are shown in Table
5.3.2.
Figure 5.3.8. 2-Mbyte ROM and 256-Kbyte SRAM Connection Example
CNVss
BYTE
M16C/62
A0 to A19
CS0
CS1
CS2
CS3
D0 to D7
RD
WR
CS0
CS3
CS2
CS1
A19
A17 to A0
2M bytes ROM
A20
A19
A18
A17 to A0
CE
OE
DQ0
DQ7
D0
D7
RD
A1
A0
S1
S2
OE
W
DQ1
DQ8
A0
A16
RD
WR
CS3
D0
D7
CS0
to
to
to
to
to
to
256K bytes SRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com