Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7540 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 60Page - Renesas Technology Corp 7540 Datasheet HTML 61Page - Renesas Technology Corp 7540 Datasheet HTML 62Page - Renesas Technology Corp 7540 Datasheet HTML 63Page - Renesas Technology Corp 7540 Datasheet HTML 64Page - Renesas Technology Corp 7540 Datasheet HTML 65Page - Renesas Technology Corp 7540 Datasheet HTML 66Page - Renesas Technology Corp 7540 Datasheet HTML 67Page - Renesas Technology Corp 7540 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 366 page
background image
1-45
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
HARDWARE
FUNCTIONAL DESCRIPTION
Fig. 46 External circuit of ceramic resonator
Fig. 47 External circuit of RC oscillation
XIN
COUT
CIN
XOUT
M37540
Rd
XIN
XOUT
C
R
M37540
Fig. 48 External clock input circuit
XIN
XOUT
External oscillation
circuit
VCC
VSS
Open
M37540
XIN
XOUT
M37540
Open
Fig. 49 Processing of XIN and XOUT pins at on-chip oscillator
operation
Clock Generating Circuit
An oscillation circuit can be formed by connecting a resonator be-
tween XIN and XOUT, and an RC oscillation circuit can be formed
by connecting a resistor and a capacitor.
Use the circuit constants in accordance with the resonator
manufacturer's recommended values.
(1) On-chip oscillator operation
When the MCU operates by the on-chip oscillator for the main
clock, connect XIN pin to VSS and leave XOUT pin open.
The clock frequency of the on-chip oscillator depends on the sup-
ply voltage and the operation temperature range.
Be careful that variable frequencies when designing application
products.
(2) Ceramic resonator
When the ceramic resonator is used for the main clock, connect
the ceramic resonator and the external circuit to pins XIN and
XOUT at the shortest distance. A feedback resistor is built in be-
tween pins XIN and XOUT.
(3) RC oscillation
When the RC oscillation is used for the main clock, connect the
XIN pin and XOUT pin to the external circuit of resistor R and the
capacitor C at the shortest distance.
The frequency is affected by a capacitor, a resistor and a micro-
computer.
So, set the constants within the range of the frequency limits.
(4) External clock
When the external signal clock is used for the main clock, connect
the XIN pin to the clock source and leave XOUT pin open.
Select “ceramic resonance” by setting “0” to the Oscillation mode
selection bit of CPU mode register (address 003B16).
Externally connect a
damping resistor Rd de-
pending
on
the
oscillation frequency.
(A feedback resistor is
built-in.)
Use
the
resonator
manufacturer’s recom-
mended value because
constants such as ca-
pacitance depend on the
resonator.
Note:
Connect the external
circuit of resistor R
and the capacitor C at
the shortest distance.
The frequency is af-
fected by a capacitor,
a resistor and a micro-
computer.
So, set the constants
within the range of the
frequency limits.
Note:
The clock frequency of the
on-chip oscillator depends
on the supply voltage and
the operation temperature
range.
Be careful that variable fre-
quencies and obtain the
sufficient margin.
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com