Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7540 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 81Page - Renesas Technology Corp 7540 Datasheet HTML 82Page - Renesas Technology Corp 7540 Datasheet HTML 83Page - Renesas Technology Corp 7540 Datasheet HTML 84Page - Renesas Technology Corp 7540 Datasheet HTML 85Page - Renesas Technology Corp 7540 Datasheet HTML 86Page - Renesas Technology Corp 7540 Datasheet HTML 87Page - Renesas Technology Corp 7540 Datasheet HTML 88Page - Renesas Technology Corp 7540 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 366 page
background image
2-9
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPLICATION
2.1 I/O port
Processing
Set pull-up control register, if necessary
PULL(Address 1616)
P00 pull-up On/Off
P01 pull-up On/Off
P02,P03 pull-up On/Off
P04–P07 pull-up On/Off
RTI
CLI
INTEDGE(Address 3A16)
0
RESET
SEI
CLD
CLT
CPUM(Address 3B16)
← 10000X002
Wait until f(XIN) oscillation is stabilized (Note 1)
CPUM(Address 3B16)
← XX000X002
Set port P0i using key-on wakeup interrupt to input mode.
Set port not using key-on wakeup interrupt to output mode.
Set interrupt edge selection register (Note 2)
Key-on wakeup enabled
Set “0” to the key-on wakeup interrupt request bit.
Initialization
Set “1” to the key-on wakeup interrupt enable bit.
(key-on wakeup interrupt enabled)
X: This bit is not used here. Set it to “0” or “1” arbitrary.
Notes 1: For the concrete time, ask the oscillator manufacture.
2: In this case, port P00 is used.
Key-on waleup interrupt processing routine
Processing
Fig. 2.1.13 Example of control procedure (2)
2.1.4 Application example of key-on wake up (2)
Outline: The key-on wakeup interrupt is used as the normal external interrupt.
Specifications: The key-on wakeup interrupt occurs by input of the falling edge to port P0i. If necessary,
the built-in pull-up resistor is used.
Note: Only the falling edge is active for the key-on wakeup interrupt.
Figure 2.1.13 shows an example of control procedure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com