Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7540 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 11Page - Renesas Technology Corp 7540 Datasheet HTML 12Page - Renesas Technology Corp 7540 Datasheet HTML 13Page - Renesas Technology Corp 7540 Datasheet HTML 14Page - Renesas Technology Corp 7540 Datasheet HTML 15Page - Renesas Technology Corp 7540 Datasheet HTML 16Page - Renesas Technology Corp 7540 Datasheet HTML 17Page - Renesas Technology Corp 7540 Datasheet HTML 18Page - Renesas Technology Corp 7540 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 366 page
background image
x
List of figures
7540 Group
Fig. 3.2.58 Ta-ICC characteristics (When system is operating by on-chip oscillator, at WIT
instruction execution, Ceramic oscillation stop: One Time PROM version) ................. 3-57
Fig. 3.2.59 VCC-VIHL characteristics (I/O port (CMOS): One Time PROM version) ............. 3-58
Fig. 3.2.60 VCC-VIHL characteristics (I/O port (TTL): One Time PROM version) .................. 3-58
Fig. 3.2.61 VCC-VIHL characteristics (RESET pin: One Time PROM version) ....................... 3-59
Fig. 3.2.62 VCC-VIHL characteristics (XIN pin: One Time PROM version) ............................... 3-59
Fig. 3.2.63 VCC-VIL characteristics (CNVSS pin: One Time PROM version) .......................... 3-59
Fig. 3.2.64 VCC-HYS characteristics (RESET pin: One Time PROM version) ..................... 3-60
Fig. 3.2.65 VCC-HYS characteristics (SIO pin: One Time PROM version) ........................... 3-60
Fig. 3.2.66 VCC-HYS characteristics (INT pin: One Time PROM version) ........................... 3-60
Fig. 3.2.67 VOH-IOH characteristics of P-channel (VCC = 3.0 V, normal port: One Time PROM
version) ................................................................................................................................... 3-61
Fig. 3.2.68 VOH-IOH characteristics of P-channel (VCC = 5.0 V, normal port: One Time PROM
version) ................................................................................................................................... 3-61
Fig. 3.2.69 VOL-IOL characteristics of N-channel (VCC = 3.0 V, normal port: One Time PROM
version) ................................................................................................................................... 3-62
Fig. 3.2.70 VOL-IOL characteristics of N-channel (VCC = 5.0 V, normal port: One Time PROM
version) ................................................................................................................................... 3-62
Fig. 3.2.71 VOL-IOL characteristics of N-channel (VCC = 3.0 V, LED drive port: One Time PROM
version) ................................................................................................................................... 3-63
Fig. 3.2.72 VOL-IOL characteristics of N-channel (VCC = 5.0 V, LED drive port: One Time PROM
version) ................................................................................................................................... 3-63
Fig. 3.2.73 VCC-IIL characteristics (Port “L” input current when connecting pull-up transistor:
One Time PROM version) .................................................................................................... 3-64
Fig. 3.2.74 VIN-II(AD) characteristics (A/D port input current during A/D conversion, f(XIN) = 8
MHz in high-speed mode: One Time PROM version) ..................................................... 3-65
Fig. 3.2.75 VIN-II(AD) characteristics (A/D port input current during A/D conversion, f(XIN) = 6
MHz in double-speed mode: One Time PROM version) ................................................. 3-65
Fig. 3.2.76 VIN-II(AD) characteristics (A/D port input current during A/D conversion, f(XIN) = 4
MHz in double-speed mode: One Time PROM version) ................................................. 3-65
Fig. 3.2.77 VCC-ROSC characteristics (on-chip oscillator frequency: One Time PROM version) ..... 3-66
Fig. 3.2.78 Ta-ROSC characteristics (on-chip oscillator frequency: One Time PROM version) ...... 3-66
Fig. 3.2.79 R-f(XIN) characteristics (RC oscillation frequency: One Time PROM version) 3-67
Fig. 3.2.80 C-f(XIN) characteristics (RC oscillation frequency: One Time PROM version) 3-67
Fig. 3.2.81 VCC-f(XIN) characteristics (RC oscillation frequency: One Time PROM version) ... 3-68
Fig. 3.2.82 Ta-f(XIN) characteristics (RC oscillation frequency: One Time PROM version)3-68
Fig. 3.2.83 Definition of A/D conversion accuracy .................................................................. 3-69
Fig. 3.2.84 A/D conversion accuracy typical characteristic example-1 (One Time PROM version) .. 3-70
Fig. 3.2.85 A/D conversion accuracy typical characteristic example-2 (One Time PROM version) .. 3-71
Fig. 3.2.86 A/D conversion accuracy typical characteristic example-3 (One Time PROM version) .. 3-72
Fig. 3.3.1 Sequence of setting serial I/O1 control register again ......................................... 3-80
Fig. 3.3.2 Connection diagram ................................................................................................... 3-82
Fig. 3.3.3 State transition ............................................................................................................ 3-84
Fig. 3.3.4 Switching method of CPU mode register ............................................................... 3-85
Fig. 3.3.5 Sequence of switch the detection edge .................................................................. 3-86
Fig. 3.3.6 Sequence of check of interrupt request bit ............................................................ 3-86
Fig. 3.3.7 Structure of interrupt control register 2 .................................................................. 3-87
Fig. 3.3.8 Initialization of processor status register ................................................................ 3-88
Fig. 3.3.9 Sequence of PLP instruction execution .................................................................. 3-88
Fig. 3.3.10 Stack memory contents after PHP instruction execution ................................... 3-88
Fig. 3.3.11 Status flag at decimal calculations ........................................................................ 3-89
Fig. 3.3.12 Programming and testing of One Time PROM version ...................................... 3-90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com