Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38B7 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # 38B7
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38B7 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button 38B7 Datasheet HTML 35Page - Renesas Technology Corp 38B7 Datasheet HTML 36Page - Renesas Technology Corp 38B7 Datasheet HTML 37Page - Renesas Technology Corp 38B7 Datasheet HTML 38Page - Renesas Technology Corp 38B7 Datasheet HTML 39Page - Renesas Technology Corp 38B7 Datasheet HTML 40Page - Renesas Technology Corp 38B7 Datasheet HTML 41Page - Renesas Technology Corp 38B7 Datasheet HTML 42Page - Renesas Technology Corp 38B7 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 415 page
background image
HARDWARE
1-16
38B7 Group User’s Manual
Table 6 List of I/O port functions (1)
Pin
P00/FLD8–
P07/FLD15
Nama
Port P0
Input/Output
Output
I/O Format
High-breakdown voltage
P-channel open-drain
output with pull-down
resistor
Low-voltage input level
High-breakdown voltage
P-channel open-drain
output with pull-down
resistor
High-breakdown voltage
P-channel open-drain
output with pull-down
resistor
Low-voltage input level
High-breakdown voltage
P-channel open-drain
output with pull-down
resistor
Low-voltage input level
High-breakdown voltage
P-channel open-drain
output
Low-voltage input level
High-breakdown voltage
P-channel open-drain
output
Low-voltage input level
High-breakdown voltage
P-channel open-drain
output
Low-voltage input level
(port input)
CMOS compatible input
level (RxD, SCLK21,
SCLK22)
CMOS 3-state output
Non-Port Function
FLD automatic display
function
Related SFRs
FLDC mode register
P0 digit output set switch
register
Ref.No.
(1)
(2)
FLDC mode register
FLD automatic display
function
Serial I/O2 function I/O
P10/FLD16–
P17/FLD23
Port P1
Input/output,
individual
bits
FLDC mode register
P2 digit output set switch
register
(1)
P20/FLD0–
P27/FLD7
Port P2
Output
P30/FLD24–
P37/FLD31
Port P3
Input/output,
individual
bits
FLDC mode register
(2)
FLDC mode register
Port P4 FLD/Port switch
register
(2)
P40/FLD32–
P47/FLD39
Port P4
Input/output,
individual
bits
Input/output,
individual
bits
P50/FLD40–
P57/FLD47
Port P5
FLDC mode register
Port P5 FLD/Port switch
register
(2)
FLDC mode register
Port P6 FLD/Port switch
register
(2)
Input/output,
individual
bits
Port P6
P60/FLD48–
P63/FLD51
P64/RxD/
FLD52
P65/TxD/
FLD53,
P66/SCLK21/
FLD54
P67/SRDY2/
SCLK22/
FLD55
P70/INT0,
P71/INT1
P72/INT2
CMOS compatible input
level
CMOS 3-state output
FLDC mode register
Serial I/O2 control
register
UART control register
Interrupt edge selection
register
(3)
(4)
(5)
(6)
Port P7
Input/output,
individual
bits
External interrput input
Interrupt edge selection
register
Interrupt interval determi-
nation control register
Interrupt edge selection
register
FLD output control register
Timer 56 mode register
Timer 12 mode register
Timer 34 mode register
Buzzer output control
register
Interrupt edge selection
register
CPU mode register
(7)
P73/INT3/
DIMOUT
External interrput input
Dimmer signal output
(8)
P74/PWM1
P75/T1OUT
P76/T3OUT
P77/INT4/
BUZ01
CMOS compatible input
level
CMOS 3-state output
PWM output
Timer output
Timer output
Buzzer output
External interrput input
(9)
Sub-clock generating
circuit I/O
External count input
P80/XCIN
P81/XCOUT
P82/CNTR1
P83/CNTR0/
CNTR2
Port P8
Input/output,
individual
bits
(10)
(11)
(6)
(12)
Interrupt edge selection
register
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com