Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38B7 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # 38B7
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38B7 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button 38B7 Datasheet HTML 87Page - Renesas Technology Corp 38B7 Datasheet HTML 88Page - Renesas Technology Corp 38B7 Datasheet HTML 89Page - Renesas Technology Corp 38B7 Datasheet HTML 90Page - Renesas Technology Corp 38B7 Datasheet HTML 91Page - Renesas Technology Corp 38B7 Datasheet HTML 92Page - Renesas Technology Corp 38B7 Datasheet HTML 93Page - Renesas Technology Corp 38B7 Datasheet HTML 94Page - Renesas Technology Corp 38B7 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 415 page
background image
HARDWARE
1-68
38B7 Group User’s Manual
FUNCTIONAL DESCRIPTION
XIN
Data bus
XCIN
“1”
“0”
Internal system clock
selection bit
(Note)
“0”
“1”
1/8
Watchdog timer H count
source selection bit
Reset
circuit
STP instruction disable bit
Watchdog timer H (8)
“FF16” is set
when watchdog
timer control
register is written
to.
Internal reset
RESET
Watchdog timer L (8)
Note: Either high-speed, middle-speed or low-speed mode is selected by bit 7 of CPU mode register.
STP instruction
“FF16” is set when
watchdog timer
control register is
written to.
1/2
(2) Watchdog timer H count source selection
bit operation
Bit 7 of the watchdog timer control register (address 0EEE16) per-
mits selecting a watchdog timer H count source. When this bit is
set to “0”, the underflow signal of watchdog timer L becomes the
count source. The detection time is set to 131.072 ms at f(XIN) = 4
MHz frequency, and 32.768 s at f(XCIN) = 32 kHz frequency.
When this bit is set to “1”, the count source becomes the signal di-
vided by 8 for f(XIN) or divided by 16 for f(XCIN). The detection
time in this case is set to 512
µs at f(XIN) = 4 MHz frequency, and
128 ms at f(XCIN) = 32 kHz frequency.
This bit is cleared to “0” after reset.
(3) Operation of STP instruction disable bit
Bit 6 of the watchdog timer control register (address 0EEE16) per-
mits disabling the STP instruction when the watchdog timer is in
operation.
When this bit is “0”, the STP instruction is enabled.
When this bit is “1”, the STP instruction is disabled.
If the STP instruction is executed, an internal resetting occurs.
When this bit is set to “1”, it cannot be rewritten to “0” by program.
This bit is cleared to “0” after reset.
s Note
When releasing the stop mode, the watchdog timer performs its
count operation even in the stop release waiting time. Be careful
not to cause the watchdog timer H to underflow in the stop release
waiting time, for example, by writing any data in the watchdog
timer control register (address 0EEE16) before executing the STP
instruction.
WATCHDOG TIMER
The watchdog timer gives a mean of returning to the reset status
when a program cannot run on a normal loop (for example, be-
cause of a software runaway). The watchdog timer consists of an
8-bit watchdog timer L and a 8-bit watchdog timer H.
Standard Operation Of Watchdog Timer
When any data is not written into the watchdog timer control reg-
ister (address 0EEE16) after reset, the watchdog timer is in the
stop state. The watchdog timer starts to count down by writing an
optional value into the watchdog timer control register and an in-
ternal reset occurs at an underflow of the watchdog timer H.
Accordingly, programming is usually performed so that writing to
the watchdog timer control register may be started before an un-
derflow. When the watchdog timer control register is read, the
values of the high-order 6 bits of the watchdog timer H, STP in-
struction disable bit, and watchdog timer H count source selection
bit are read.
(1) Initial value of watchdog timer
At reset or writing to the watchdog timer control register (address
0EEE16), a watchdog timer H is set to “FF16” and a watchdog
timer L to “FF16”.
Fig. 73 Structure of watchdog timer control register
Fig. 72 Block diagram of watchdog timer
b0
STP instruction disable bit
0: STP instruction enabled
1: STP instruction disabled
Watchdog timer H count source selection bit
0: Watchdog timer L underflow
1: f(XIN)/8 or f(XCIN)/16
Watchdog timer H (for read-out of high-order 6 bits)
Watchdog timer control register
(WDTCON : address 0EEE16)
b7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com